Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4304 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4304
Description  How to filter the input of a high-side current sensing
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4304 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4304 Datasheet HTML 4Page - STMicroelectronics AN4304 Datasheet HTML 5Page - STMicroelectronics AN4304 Datasheet HTML 6Page - STMicroelectronics AN4304 Datasheet HTML 7Page - STMicroelectronics AN4304 Datasheet HTML 8Page - STMicroelectronics AN4304 Datasheet HTML 9Page - STMicroelectronics AN4304 Datasheet HTML 10Page - STMicroelectronics AN4304 Datasheet HTML 11Page - STMicroelectronics AN4304 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Differential mode filtering
AN4304
8/20
DocID024731 Rev 1
Figure 7: "Differential voltage with a differential filter of 8 kHz" shows the signal between
pin+ and pin- of the TSC103. The high frequency has been correctly filtered.
Figure 7: Differential voltage with a differential filter of 8 kHz
However, the common mode voltage has not been filtered. Even if the TSC103 has an
excellent CMRR (see Figure 17: "CMRR vs. frequency") of up to 200 kHz, it is important to
also remove the high frequency which might cause incorrect behavior (see Figure 8: "Input
pin+ voltage with a differential filter of 8 kHz").
Figure 8: Input pin+ voltage with a differential filter of 8 kHz
0
0
100
200
200
300
400
400
500
0.00
0.00
0.05
0.10
0.10
0.15
0.20
0.20
0.25
Time (µs)
0.0
0.0
10.0µ
20.0µ
20.0µ
30.0µ
40.0µ
40.0µ
50.0µ
0
0
1
2
2
3
4
4
5
6
6
7
8
8
9
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com