Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4304 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4304
Description  How to filter the input of a high-side current sensing
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4304 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4304 Datasheet HTML 10Page - STMicroelectronics AN4304 Datasheet HTML 11Page - STMicroelectronics AN4304 Datasheet HTML 12Page - STMicroelectronics AN4304 Datasheet HTML 13Page - STMicroelectronics AN4304 Datasheet HTML 14Page - STMicroelectronics AN4304 Datasheet HTML 15Page - STMicroelectronics AN4304 Datasheet HTML 16Page - STMicroelectronics AN4304 Datasheet HTML 17Page - STMicroelectronics AN4304 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Estimating differential error
AN4304
14/20
DocID024731 Rev 1
A similar bode diagram to Figure 12: "Bode diagram" is obtained with the following poles:
From Equation 5 we can extrapolate that at frequencies much higher than ω2, the
differential voltage error, due to the mismatch of the Ccm1 and Ccm2 capacitances, is
given by Equation 6 below:
We can now re-estimate the differential error (Vdiff) as follows:
Vin = triangular AC at 100 kHz, 5 Vpp
Rs = 10 Ω
Ccm = 2.2 µF with a tolerance of 20 %
Ccm1 = 2.2 µF +20 % = 2.64 µF
Ccm2 = 2.2 µF -20 % = 1.76 µF
So, Vdiff = 52 mVpp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com