Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2871 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2871
Description  This application note is intended for hardware designers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2871 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2871 Datasheet HTML 2Page - STMicroelectronics AN2871 Datasheet HTML 3Page - STMicroelectronics AN2871 Datasheet HTML 4Page - STMicroelectronics AN2871 Datasheet HTML 5Page - STMicroelectronics AN2871 Datasheet HTML 6Page - STMicroelectronics AN2871 Datasheet HTML 7Page - STMicroelectronics AN2871 Datasheet HTML 8Page - STMicroelectronics AN2871 Datasheet HTML 9Page - STMicroelectronics AN2871 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
On-chip voltage regulator (VREG)
AN2871
6/25
Doc ID 15304 Rev 3
2
On-chip voltage regulator (VREG)
The SPC560Pxx device can be supplied with 5 V ±10% or 3.3 V ± 10 % (4.5 – 5.5 V or
3.0 – 3.6 V, respectively) to suit different applications. Additionally, the on-chip linear voltage
regulator generates a reference voltage enabling the regulation of the 1.2 V via an external
ballast transistor (with a specified tolerance 1.15 – 1.32 V) from the external 3.3 V/5 V
voltage supply (VDD_HV_REG supply pin).
The on-chip voltage regulator module provides the following features:
●
Uses external NPN (Negative-Positive-Negative) transistor
●
Regulates external 3.3 V–5.0 V down to 1.2 V for the core logic
●
Low voltage detection on the internal 1.2 V and I/O voltage 3.3 V
2.1
VREG design guideline
2.1.1
Voltage regulator
The on-chip voltage regulator module regulates the external 3.3 V–5.0 V supply down to
1.2 V for the core logic. The nominal target output is 1.2 V. Due to variations the actual
output will be in the range of 1.15–1.32 V in the full current load range (0–200 mA) after
factory trimming.
The internal voltage regulator requires an external NPN ballast transistor, approved
transistor list available in Table 1, to be connected as shown in Figure 1 for SPC560P40xx,
SPC560P60xx/SPC56AP60xx and Figure 2 for SPC560P50xx. Capacitances, CDEC1,
CDEC2,CDEC3, should be placed on the board as near as possible to the associated pins.
Care should also be taken to limit the serial inductance of the board to less than LREG as
described in the device datasheet.
The device cannot be used with an external 1.2 V supply. Always use the external ballast
transistor to generate the 1.2 V supply to the core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com