Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2871 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2871
Description  This application note is intended for hardware designers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2871 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2871 Datasheet HTML 4Page - STMicroelectronics AN2871 Datasheet HTML 5Page - STMicroelectronics AN2871 Datasheet HTML 6Page - STMicroelectronics AN2871 Datasheet HTML 7Page - STMicroelectronics AN2871 Datasheet HTML 8Page - STMicroelectronics AN2871 Datasheet HTML 9Page - STMicroelectronics AN2871 Datasheet HTML 10Page - STMicroelectronics AN2871 Datasheet HTML 11Page - STMicroelectronics AN2871 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
On-chip voltage regulator (VREG)
AN2871
8/25
Doc ID 15304 Rev 3
2.1.3
Recommended transistors
Transistor specifications give the minimum and maximum gain. The worst case is usually
significantly lower than the nominal figure on the transistor datasheet cover page. Moreover,
the datasheet values are usually given at room temperature.
The required gain should be calculated at cold temperature, because a bipolar transistor
has minimum gain at low temperature. The worst case gain at cold temperature can be
obtained from the transistor manufacturer or can be estimated using the graphs given in the
transistor datasheet.
The Table 1 lists the recommended ballast transistors.
In the following, as example, are shown parameters of BCP68 and BC817 transistors.
BCP68 NPN bipolar 1 A/1.5 W SOT223
This transistor is available from several semiconductor makers.
Table 1.
Approved NPN ballast transistor
Part
Manufacturer
Approved derivatives(1)
1.
For automotive applications please check with the appropriate transistor vendor for automotive grade
certification
BCP68
ON Semi
BCP68
NXP
BCP68-25
Infineon
BCP68-25
BCX68
Infineon
BCX68-10;BCX68-16;BCX68-25
BC868
NXP
BC868
BC817
Infineon
BC817-16;BC817-25;BC817SU;
NXP
BC817-16;BC817-25
BCP56
ST
BCP56-16
Infineon
BCP56-10;BCP56-16
ON Semi
BCP56-10
NXP
BCP56-10;BCP56-16
Table 2.
ON Semiconductor datasheet: BCP68 electrical characteristics at 25 °C
Symbol
Parameter
Min
Typ
Max
Unit
hFE
—
DC current gain
IC = 5.0 mA; VCE = 10 VDC
IC = 150 mA; VCE = 1 VDC
IC = 1.0 mA; VCE = 1 VDC
50
85
60
—
—
—
—
375
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com