Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2871 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2871
Description  This application note is intended for hardware designers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2871 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2871 Datasheet HTML 10Page - STMicroelectronics AN2871 Datasheet HTML 11Page - STMicroelectronics AN2871 Datasheet HTML 12Page - STMicroelectronics AN2871 Datasheet HTML 13Page - STMicroelectronics AN2871 Datasheet HTML 14Page - STMicroelectronics AN2871 Datasheet HTML 15Page - STMicroelectronics AN2871 Datasheet HTML 16Page - STMicroelectronics AN2871 Datasheet HTML 17Page - STMicroelectronics AN2871 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Main oscillator
AN2871
14/25
Doc ID 15304 Rev 3
3
Main oscillator
SPC560Pxx devices can run with an external oscillator used as input for the PLLs, and
selected also as the system clock source. The main oscillator provides these features:
●
Frequency range: 4–40 MHz
●
Crystal input mode or Oscillator input mode
●
PLL reference
●
Oscillator supply: for noise immunity reasons, the oscillator supply uses dedicated
supply pins VDD_HV_OSC/VSS_HV_OSC instead of the 1.2 V supply
3.1
Reference oscillator circuit
Figure 5 provides a schematic of the on-chip oscillator. This section describes the key items.
Figure 5.
Reference oscillator circuit
The oscillator circuit provides a reference clock signal to the on-chip PLL. The oscillator
circuit consists of the following components:
●
Bias resistor (R1)
●
Crystal
●
Two capacitors
●
External bias resistor (R2)
Note:
The external resistor (R2) is not recommended due to the fact that the oscillator has an
internal bias resistor. However, it is recommended to leave room for an external bias resistor
to allow the PCB design to accommodate different crystals.
Oscillator hardware recommendations:
●
Use the lowest frequency crystal possible and set the multiplication factor bits to obtain
the proper system operating frequency which is generated from the PLL.
●
The oscillator circuit has currents flowing at the crystal’s fundamental frequency. Also, if
the oscillator is clipped, then higher order harmonics will be present as well. In order to
minimize the amount of emissions generated from these currents, the oscillator circuit
should be kept as compact as possible.
R2 = 1 M
R1 = 0
C1 = 22 pF
XTAL
EXTAL
SPC560Pxx
VSS_HV_OSC0
VSS_HV_OSC0
C2 = 22 pF
XTAL = 8 MHz
DO NOT POPULATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com