Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2871 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2871
Description  This application note is intended for hardware designers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2871 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2871 Datasheet HTML 6Page - STMicroelectronics AN2871 Datasheet HTML 7Page - STMicroelectronics AN2871 Datasheet HTML 8Page - STMicroelectronics AN2871 Datasheet HTML 9Page - STMicroelectronics AN2871 Datasheet HTML 10Page - STMicroelectronics AN2871 Datasheet HTML 11Page - STMicroelectronics AN2871 Datasheet HTML 12Page - STMicroelectronics AN2871 Datasheet HTML 13Page - STMicroelectronics AN2871 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
On-chip voltage regulator (VREG)
AN2871
10/25
Doc ID 15304 Rev 3
Note:
The BC817-16 variant is also compatible with the SPC560Px voltage regulator.
BCX68-25 NPN bipolar 0.5 A SOT89
This transistor is available from several semiconductor makers.
Note:
BCX68-16 and BCX68-10 variants are also compatible with the SPC560Px voltage
regulator.
Summary of proposed ballast transistors
The transistors list of Table 1 has been validated by simulations. To offer several options to
ECU designers, various packages are proposed:
●
SOT223 for BCP68
●
SOT89 for BCX68-25, BCX68-16, and BCX68-10
●
SOT23 for BC817-25 and BC817-16
Please note that the SOT23 package has a high thermal resistance and is not suited for the
full automotive temperature range.
BC817-25 is also offered in the SC74 package, which has a better thermal resistance but
that still does not allow using this transistor in the full temperature range.
The SOT23 and SC74 packages should be considered for applications such as airbags.
Figure 4.
Example of temperature response from NXP BC817-25
Table 4.
Zetex datasheet: BCX68-25 electrical characteristics at 25 °C
Symbol
Parameter
Min
Typ
Max
Unit
hFE
—
DC current gain
IC = 500 mA; VCE = 1 VDC
160
—
400
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com