Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4253 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 4Page - STMicroelectronics AN4253 Datasheet HTML 5Page - STMicroelectronics AN4253 Datasheet HTML 6Page - STMicroelectronics AN4253 Datasheet HTML 7Page - STMicroelectronics AN4253 Datasheet HTML 8Page - STMicroelectronics AN4253 Datasheet HTML 9Page - STMicroelectronics AN4253 Datasheet HTML 10Page - STMicroelectronics AN4253 Datasheet HTML 11Page - STMicroelectronics AN4253 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
After reset init
AN4253
8/44
DocID024255 Rev 2
2
After reset init
Figure 2. Flow of the "After reset init" phase
2.1
Core Register Init (LSM)
In Lock Step (LSM) Mode it is mandatory to initialize the core specific purpose register to
avoid redundant checker faults under specific circumstances. The reason for the faults
comes from the fact that not all core specific purpose registers are initialized after reset and
their difference can cause RCCU fault later on.
It is not necessary to initialize the core SPRs registers when the device is operating in
decoupled mode.
2.1.1
Code sequence
1.
Write to selected Core Specific Purpose Registers (SPRs) any
value
2.2
Memory Management Unit (MMU)
Default reset MMU configuration in each core enables instruction fetch from 4 KB memory
block area starting from a reset vector address. 4 KB code area may or may not be sufficient
for the startup code, but a main issue of the default MMU configuration is missing access
setup for RAM memory and for peripheral modules. They must be explicitly added to the
MMU table before any access is executed to them by the startup code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com