Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4253 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 9Page - STMicroelectronics AN4253 Datasheet HTML 10Page - STMicroelectronics AN4253 Datasheet HTML 11Page - STMicroelectronics AN4253 Datasheet HTML 12Page - STMicroelectronics AN4253 Datasheet HTML 13Page - STMicroelectronics AN4253 Datasheet HTML 14Page - STMicroelectronics AN4253 Datasheet HTML 15Page - STMicroelectronics AN4253 Datasheet HTML 16Page - STMicroelectronics AN4253 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
DocID024255 Rev 2
13/44
AN4253
FCCU block
4.2.1
Code sequence
Reading Critical Faults (CF)
1.
Write command OPR=9 to FCCU_CTRL register
2.
Wait for operation to finish (FCCU.CTRL.OPS = SUCCESS)
3.
Read the FCCU_CF register
Reading Non-Critical Faults (NCF)
1.
Write command OPR=9 to FCCU_CTRL register
2.
Wait for operation to finish (FCCU.CTRL.OPS = SUCCESS)
3.
Read the FCCU_NCF register
4.3
Analyze FCCU faults
In most cases this block will be skipped unless application requires special startup code for
different faults.
4.4
STCU fault analysis
This analysis is recommended as any issue found during the built-in self test can signal a
presence of latent faults.
There are three signals routed from STCU to FCCU unit to report different kind of issues:
It is recommended to monitor all three fault signals and take an appropriate action when any
STCU fault is active.
4.4.1
Code sequence
1.
Test bits b’20 and b’27 in Critical faults
2.
Test bit b’12 in Non-critical faults
3.
If any of the testing bits is ‘1’ > Jump to FCCU Fault handler
Otherwise continue in startup
4.5
Save FCCU faults
It is usually required to keep fault values for later analysis by the application code. This
cannot be done by simply leaving status registers untouched and read them later. The
reason is that any present fault in FCCU status register would prevent successful transition
from SAFE mode to DRUN mode.
CF[20]
Critical fault found by xBIST test
CF[27]
STCU fault of starting the xBIST tests during the runtime, which leads
to content corruption in the RAM array or in the digital logic
NCF[12]
Non-critical fault found by xBIST test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com