Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4253 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4253
Description  SPC564Lx device startup flow
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4253 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4253 Datasheet HTML 19Page - STMicroelectronics AN4253 Datasheet HTML 20Page - STMicroelectronics AN4253 Datasheet HTML 21Page - STMicroelectronics AN4253 Datasheet HTML 22Page - STMicroelectronics AN4253 Datasheet HTML 23Page - STMicroelectronics AN4253 Datasheet HTML 24Page - STMicroelectronics AN4253 Datasheet HTML 25Page - STMicroelectronics AN4253 Datasheet HTML 26Page - STMicroelectronics AN4253 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
DocID024255 Rev 2
23/44
AN4253
HW resource initialization
circumstances different values in both cores can lead to the reset because of RCCU
(checker blocks) event.
In decoupled mode, it is not necessary to have this explicit initialization.
7.3.1
Code sequence
No need to initialize core registers.
7.4
Cache memory initialization
Cache memory initialization does not bring any advantage for a simple startup code with a
sequential flow and small loops that fit into buffer lines of PFlash controller. Default PFlash
setup can store up to twelve 32 bit instruction or twenty-four 16 bit instructions.
Of course cache memory should be enabled somewhere in the startup code, because it
brings significant increase in performance (~30 %). If the startup code is the place of
initialization, cache enable bit in L1CSR1 special function register must be set.
7.4.1
Default reset configuration
Cache disabled
7.4.2
Code sequence
1.
Enable cache (bit ICE) in Core L1CSR1 special function register
7.5
Branch prediction
Z4 core implemented on the SPC564Lx device contains simple branch target buffer
prediction feature that brings small performance increase for an application code.
It is not really needed to be done in the startup code, but if the startup is the place of
initialization, code shall enable the branch prediction in BUCSR special purpose register.
7.5.1
Default reset configuration
Branch target buffer prediction disabled
7.5.2
Code sequence
1.
Set BPEN bit in BUCSR core register
7.6
Clock system initialization
Clock subsystem consists of clock generators, clock selectors with dividers and clock
monitor units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com