Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4498 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4498
Description  Lauterbach multicore debugging guide
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4498 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4498 Datasheet HTML 2Page - STMicroelectronics AN4498 Datasheet HTML 3Page - STMicroelectronics AN4498 Datasheet HTML 4Page - STMicroelectronics AN4498 Datasheet HTML 5Page - STMicroelectronics AN4498 Datasheet HTML 6Page - STMicroelectronics AN4498 Datasheet HTML 7Page - STMicroelectronics AN4498 Datasheet HTML 8Page - STMicroelectronics AN4498 Datasheet HTML 9Page - STMicroelectronics AN4498 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Setting up Lauterbach environment
AN4498
6/19
DocID026377 Rev 1
3
Setting up Lauterbach environment
The presented application example is for dual core microcontroller in Decoupled mode.
Demonstration is done for ST’s SPC56EL70 processor from chassis-safety family with
128kB RAM and 2MB Flash. Tools used are Lauterbach debugger and TRACE32
debugging interface. SPC56x families device combines DPM (decoupled) and LSM (lock-
step) modes. There are many ways how to debug Multicore processor. This section is about
Lauterbach debugger used for Multicore debugging, in our case dual-core debugging.
3.1
Dual-core debug environment
There is a possibility to debug dual-core processor with single TRACE32 PowerView
window, but for better orientation and easier debugging there is the possibility to start
multiple PowerView windows. The term Single Device Solution is used if one Lauterbach
device is used to debug all cores. Precondition is that the debug cable contains licenses for
all cores that should be debugged.
Figure 2. Lauterbach Power Architecture multicore license
The following example describes how to start two TRACE32 instances. On a multicore chip
both cores are debugged via a joint JTAG interface by using a POWER DEBUG
INTERFACE / USB 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com