Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4498 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4498
Description  Lauterbach multicore debugging guide
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4498 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4498 Datasheet HTML 6Page - STMicroelectronics AN4498 Datasheet HTML 7Page - STMicroelectronics AN4498 Datasheet HTML 8Page - STMicroelectronics AN4498 Datasheet HTML 9Page - STMicroelectronics AN4498 Datasheet HTML 10Page - STMicroelectronics AN4498 Datasheet HTML 11Page - STMicroelectronics AN4498 Datasheet HTML 12Page - STMicroelectronics AN4498 Datasheet HTML 13Page - STMicroelectronics AN4498 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Setting up Lauterbach environment
AN4498
10/19
DocID026377 Rev 1
Figure 6. T32Start dual-core – core2 example
In the API port section the field “Use Port” can be set to “no” if no remote control is
necessary for TRACE32. (This applies both to Figure 5 and Figure 6).
it is possible starting when everything is prepared in T32Start GUI for dual-core debug. It is
necessary set the cursor on Configuration (Top level of our project) and press start, two
TRACE32 instances are opened.
In the configuration select specific batch file that complete the initialization after the two
instances of TRACE32 are loaded.
If any batch file is selected, there is not connection to the cores and any specific initialization
that can be done after the set up in each instance.
3.3
Lauterbach Batchfile
It needs several commands to Initialize and set the debug environment and target. They can
be combined in a batch file, with the default extension “cmm”. TRACE32 has its own
command language PRACTICE to execute batch jobs when loaded. All commands of the
TRACE32 development tools, commands for program flow, conditional commands and I/O
commands are allowed. Also debugging of a PRACTICE program is supported. Let’s go
step by step through prepared batch file for dual-core processor SPC564EL70.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com