Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4498 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4498
Description  Lauterbach multicore debugging guide
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4498 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4498 Datasheet HTML 11Page - STMicroelectronics AN4498 Datasheet HTML 12Page - STMicroelectronics AN4498 Datasheet HTML 13Page - STMicroelectronics AN4498 Datasheet HTML 14Page - STMicroelectronics AN4498 Datasheet HTML 15Page - STMicroelectronics AN4498 Datasheet HTML 16Page - STMicroelectronics AN4498 Datasheet HTML 17Page - STMicroelectronics AN4498 Datasheet HTML 18Page - STMicroelectronics AN4498 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
DocID026377 Rev 1
17/19
AN4498
Setting up Lauterbach environment
18
3.3.9
Setting up cores synchronization
Figure 16. Synchronization between cores
The SYnch command is used for Start/Stop synchronization in a multi-processor or multi-
core environment.
SYnch.CONNECT - Establishes a connection to another emulator by using the InterCom
system. Multiple names can be used to connect to multiple systems.
SYnch.MasterGo – Starting this emulator all other emulators start, the SlaveGo function is
activated.
SYnch.MasterBreak – Breaking this emulator system simultaneously stop all emulators
which have the SlaveBreak option activated.
SYnch.MasterStep – Stepping this emulator step all other emulators which have the
SlaveStep function activated.
SYnch.SlaveGo – The emulator starts, when the master emulator starts.
SYnch.SlaveBreak – The emulator stops, when the master emulator stops.
SYnch.SlaveStep – The emulator steps, when the master emulator steps.
To test the INTERCOM system the INTERCOM.PING command can be used. If the
connection is not working (step/break/go in one window are not made same in second core
window even if synch options are all allowed) you can use the ping command. If it returns
around 100µs this means you have connected core to itself. Check the Synch.CONNECT
settings.
Writing Synch command in TRACE32 PowerView command line brings up windows for
synchronization options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com