Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4498 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4498
Description  Lauterbach multicore debugging guide
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4498 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4498 Datasheet HTML 9Page - STMicroelectronics AN4498 Datasheet HTML 10Page - STMicroelectronics AN4498 Datasheet HTML 11Page - STMicroelectronics AN4498 Datasheet HTML 12Page - STMicroelectronics AN4498 Datasheet HTML 13Page - STMicroelectronics AN4498 Datasheet HTML 14Page - STMicroelectronics AN4498 Datasheet HTML 15Page - STMicroelectronics AN4498 Datasheet HTML 16Page - STMicroelectronics AN4498 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID026377 Rev 1
13/19
AN4498
Setting up Lauterbach environment
18
3.3.3
Configuring PowerView for multicore debugging
Figure 9. Batchfile – setup for multi-core debugging
Setting up System.CPU &cpu for both cores setup the detected processor for both
TRACE32 PowerView instances.
System.Option.WATCHDOG OFF - set watchdog off in system settings.
&core0 System.Config.Core 1. - Commonly one TRACE32 instance is used to debug one
core (core view). If the target provides a joint debug interface for several cores it is
necessary to inform the TRACE32 instance which core it controls for debugging. The
command SYStem.CONFIG.CORE allows to specify the core within the chip that is
controlled by each TRACE32 instance.
SYStem.CONFIG Slave ON - If more than one debugger serves the debug interface of the
core, only one debugger must be allowed to reset the core. Therefore one debugger is
designated as master, the other debuggers as slaves.
&core0 System.Up - This command resets the CPU (HRESET), enters the debug mode
and stops the CPU at the reset vector.
3.3.4
Attach to slave core
Figure 10. Batchfile – Slave core attach
System.Mode.Attach – This command works similar to the Up command. The difference is
that the target CPU is not reset. The BDM/JTAG/COP interface is synchronized and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com