Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0239 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 5Page - STMicroelectronics UM0239 Datasheet HTML 6Page - STMicroelectronics UM0239 Datasheet HTML 7Page - STMicroelectronics UM0239 Datasheet HTML 8Page - STMicroelectronics UM0239 Datasheet HTML 9Page - STMicroelectronics UM0239 Datasheet HTML 10Page - STMicroelectronics UM0239 Datasheet HTML 11Page - STMicroelectronics UM0239 Datasheet HTML 12Page - STMicroelectronics UM0239 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
UM0239
Commonly used terms
9/44
2
Commonly used terms
Table 1 describes some of the commonly used terms regarding Power Line Communication
and other terms used in this document:
Table 1.
Commonly used terms
Term
Description
FCS
Frame Check Sequence. An error detection scheme that uses parity bits generated
by polynomial encoding of digital signals.
FEC
Forward Error Correction. A system of error control for data transmission wherein the
receiving device has the capability to detect and correct any character or code block
that contains less than a predetermined number of symbols in error. FEC is
accomplished by adding bits to each transmitted character or code block, using a
predetermined algorithm.
MAC
Medium Access Control. A service feature or technique used to permit or deny use of
a communication medium.
Mains
The electrical network that supplies homes and businesses with power.
Ping
Program that measures the time elapsed between the transmission of multiple
packets to a remote device and the return to origin (real meaning). In this document,
the term ping is used to describe a packet exchange process between a Master
device and one or more Slave devices, collecting statistical data about the integrity of
packets.
PLC
Power Line Communication. Communication performed between two or more nodes
of the electrical network.
PLM
Power Line Modem. A device able to transmit and receive information across the
electrical network. To ensure reliability of communication, digital data are transformed
modulating a carrier signal in transmission and demodulating such a carrier in
reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com