Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0239 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 19Page - STMicroelectronics UM0239 Datasheet HTML 20Page - STMicroelectronics UM0239 Datasheet HTML 21Page - STMicroelectronics UM0239 Datasheet HTML 22Page - STMicroelectronics UM0239 Datasheet HTML 23Page - STMicroelectronics UM0239 Datasheet HTML 24Page - STMicroelectronics UM0239 Datasheet HTML 25Page - STMicroelectronics UM0239 Datasheet HTML 26Page - STMicroelectronics UM0239 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
UM0239
Getting started
23/44
If a communication problem occurs, a message box describing the issue appears. In this
case, the user must try again to perform the same operation that caused the problem until
no more message boxes appear and the Link Monitor LED becomes green.
Note:
If communication problems persist, the user can reset the microcontroller on
EVALCOMMBOARD by pushing the RES button. After this operation, a Control Register
Writing or a Control Register Reading must be performed in order to avoid undesired
behavior.
4.5
Using the Control Register String
The selected parameter values of the virtual ST7540 Control Register appear in the textbox
at the bottom of the Control Register dialog box (Figure 10) in binary format from MSB to
LSB. When the user modifies or clicks one of the Control Register parameters, the
corresponding bits of the Control Register string become red.
If the Extended Register control bit is set to Enabled, the second part of the Control Register
string (Bits 47 to 24) becomes active and the extended functions are available.
Figure 10.
Write control register string and parameters position
Note:
When the Extended Register control bit (bit 21) is set to Enabled, the ST7540 accepts 24- or
48-bit CR strings. The “ST7538/40 FSK Power Line Modem Demo Kit” always writes 48 bits
when this bit is enabled.
CONTROL REGISTER STRING
Carrier
Frequency (0-2)
a
Baud Rate
(3-4)
b
Deviation (5)
c
Watchdog (6)
d
Tx Time Out
(0-2)
e
Not Used (11)
Mains interface
(14)
Output Voltage
Freeze (17)
j
f
Det. Method
(12-13)
g
Output clock
(15-16)
i
Header
length
(20)
m
Header Rec.
(18)
k
Frame Count
(19)
l
Extended
Reg. (21)
n
Sensitivity
(22)
o
Pre filter
(23)
p
Header Length
(40-47)
r
Frame Header
(24-39)
q
h
Det. Time
(9-10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com