Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0239 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 18Page - STMicroelectronics UM0239 Datasheet HTML 19Page - STMicroelectronics UM0239 Datasheet HTML 20Page - STMicroelectronics UM0239 Datasheet HTML 21Page - STMicroelectronics UM0239 Datasheet HTML 22Page - STMicroelectronics UM0239 Datasheet HTML 23Page - STMicroelectronics UM0239 Datasheet HTML 24Page - STMicroelectronics UM0239 Datasheet HTML 25Page - STMicroelectronics UM0239 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Getting started
UM0239
22/44
Figure 8.
Dual channel selection panel
4.4
Monitoring events
By means of Events Panel LEDs it is possible to monitor the status of the Demo Board. The
LEDs represent events occurred during the working session.
Figure 9.
Events panel
The LEDs are updated every time a communication is performed between the software tool
and the Demo Board, except for the Link Monitor LED that it is activated also when the user
modifies a Control Register parameter using the Control Register Parameters Panel. In this
case, the Write Control Register String on the panel no longer corresponds to the ST7540
Control Register. For this reason, the Link Monitor LED is always enabled (red) at first run of
the program.
Table 23 lists possible events.
1
ST7540 DUAL CHANNEL SELECTION PANEL
Table 23.
Summary of events
Event
Description
Reset event
Event occurs when MCU of IBU Communication Board has been reset
Thermal event
Event occurs when a Thermal shutdown event has occurred
Link monitor
Event occurs when:
– Write Control Register String does not correspond to ST7540 Control Register
– A reset or a communication problem event occurs
1
EVENTS PANEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com