| Electronic Components Datasheet Search |
|
UM0239 Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0239 Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 44 page ![]() Receive sessions UM0239 26/44 6 Receive sessions Click RX on the toolbar to open a receiving session and to display the Receive Monitor dialog box shown in Figure 14. Figure 14. Receive Monitor dialog box The textboxes display the content of the incoming data in hexadecimal and ASCII format, respectively. To clear the Hexadecimal and ASCII textboxes, click Reset Scope. Frame synchronization and Header data As it is not possible to know when the ST7540 starts to demodulate data incoming from the mains, a Frame Synchronization feature can be enabled in order to know when the data flow begins. If the Frame Synchronization feature is enabled (Frame Sync toggle switch), the data flow from the ST7540 is filtered from the MCU and the data is sent to the PC only when a header (defined by the Header parameter) is recognized. This ensures that all following bytes are correctly sent to PC if the transmitted message is preceded by a preamble (i.e. 0xAAAA or 0x5555) and by a header (i.e. 0x9B58). To mask the Header, enter the corresponding hexadecimal value in the Mask textbox. This feature enables the use of less than 16 bits or more than one header. The Masked Header textbox displays the masked header. The Data Bytes parameter selects how many bytes the MCU must transmit to the PC after a header recognition when in Frame Sync mode. If frame synchronization is not required, the user can switch OFF the Frame Sync feature and data are sent directly from the ST7540 to the PC. Note that since the first data demodulation time is unpredictable, byte synchronization is not ensured. Sensitivity modes In addition to two sensitivity modes selectable through the Control Register Sensitivity Mode (see Section 4.2.15: Sensitivity mode), it is possible to force ST7540 sensitivity to the BU ST7540 RECEPTION WINDOW RX Textboxes (Hex and ASCII) Low Sensitivity Frame synchronization controls |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |