Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0239 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 9Page - STMicroelectronics UM0239 Datasheet HTML 10Page - STMicroelectronics UM0239 Datasheet HTML 11Page - STMicroelectronics UM0239 Datasheet HTML 12Page - STMicroelectronics UM0239 Datasheet HTML 13Page - STMicroelectronics UM0239 Datasheet HTML 14Page - STMicroelectronics UM0239 Datasheet HTML 15Page - STMicroelectronics UM0239 Datasheet HTML 16Page - STMicroelectronics UM0239 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
UM0239
Getting started
13/44
4
Getting started
4.1
Selecting the COM port
The first step required for using the PLM Demo Kit program is to select the correct COM port
for communication between the PC and the ST7538/40 PLM Demo Board and the ST7 MCU
EVALCOMMBOARD.
Warning:
When running the program for the first time, the user must
perform a Control Register Writing operation before being
able to access the other GUI sections.
This action is mandatory because the only communication
interface available from the MCU on EVALCOMMBOARD to
ST7540 is synchronous, while the default Mains interface of
ST7540 is asynchronous. The only action that can be
performed before a Control Register Writing is a Control
Register Reading, because Control Register Access is
always synchronous.
Figure 4.
COM selection
Once the correct COM port is selected, the program starts communication with the
EVALCOMMBOARD and automatically recognizes the type of device (ST7538 or ST7540)
on the PLM Board and the firmware revision of the ST7 microcontroller (on
EVALCOMMBOARD). The status bar also displays this data as shown in Figure 3.
If a communication problem occurs during COM selection, e.g. if the Demo Board has not
been properly connected to PC, a message box appears and the user must select the
device to manage (see Figure 5). The user must select the ST7540 device to ensure correct
program behavior (see Note 1).
It is possible to control a maximum of four devices (from COM1 to COM4) using a single
Personal Computer by launching four instances of the program. In order to identify the
instances, a different window background color is used for every COM port. After the COM
selection, the user can access all GUI sections.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com