Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0272 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 10Page - STMicroelectronics UM0272 Datasheet HTML 11Page - STMicroelectronics UM0272 Datasheet HTML 12Page - STMicroelectronics UM0272 Datasheet HTML 13Page - STMicroelectronics UM0272 Datasheet HTML 14Page - STMicroelectronics UM0272 Datasheet HTML 15Page - STMicroelectronics UM0272 Datasheet HTML 16Page - STMicroelectronics UM0272 Datasheet HTML 17Page - STMicroelectronics UM0272 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
System hardware configuration
UM0272
14/40
3.3
Control module connections
Either connectors J11 or J13 can be used to connect the control modules (CM) by wiring the
4 terminals using a twisted and shielded cable. This cable has to be connected to jumper J6
(CM BUS) of the CU.
It is possible to connect up to 8 CMs on the bus line in different ways as shown in Figure 7.
Figure 7.
Control module connections
Once the system is powered up, program the CM address for each module installed. Refer
to Section 5.7: CM Setup for more information on programming CM addresses. Table 6 lists
allowed address ranges.
3.4
Power supply connections
Connect the power supply cable to jumper J2 of the CU.
3.5
Central unit connections
Table 1 describes all the CU main board connectors.
The Initial Settings switch is used the first time the system is installed or to completely erase
all the setup information. Press this switch for approximately 5 seconds when the CU is
completely disabled, to reset all previously programmed parameters (except for the system
date and time) with the factory parameters (see Section 4.3: Configuration using the Control
Module).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com