Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0272 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 17Page - STMicroelectronics UM0272 Datasheet HTML 18Page - STMicroelectronics UM0272 Datasheet HTML 19Page - STMicroelectronics UM0272 Datasheet HTML 20Page - STMicroelectronics UM0272 Datasheet HTML 21Page - STMicroelectronics UM0272 Datasheet HTML 22Page - STMicroelectronics UM0272 Datasheet HTML 23Page - STMicroelectronics UM0272 Datasheet HTML 24Page - STMicroelectronics UM0272 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
UM0272
Menus
21/40
5
Menus
5.1
Using the key pad
To navigate between the different parameter settings of each sub-menu, press the
keys. When the required parameter is displayed, press ENT to display its value. Press EXIT
to return to the Setup menu, or press ENT again to modify the parameter setting.
Before entering in a specific option, it is possible to change the line number (zone, option,
partition, etc.) by pressing the
key (the line number is incremented by 1), in this way it is
possible to change a specific parameter (as, for example, the line status) for all the lines
without entering each time the line number.
Text entry is similar to that of a cellular phone for SMS messaging; each numeric key has an
associated text character (Figure 14). By pressing repeatedly (within a short time) a digit,
each associated character is scrolled.
Figure 14.
Text entry
Leave the digit key button or press a different key (for a different character) when the
required character is displayed.
Press the CLR key to erase the entire written string. Use the
keys to select a single
character. Press ENT again to save the description.
Press
to switch between uppercase and lowercase characters. Table 5 lists all
character associations.
5.2
System Enable/Disable
Once a user enters a valid access code (password), the CM displays the System
Enable/Disable menu. Use this menu to enable or disable the alarm system.
5.3
Partition Enable/Select
The Partition Enable menu enables the user to switch ON/OFF all the partitions associated
to his user access code or to continue and individually select the associated partitions (only
partitions associated to the user’s access code are available).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com