Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0272 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 25Page - STMicroelectronics UM0272 Datasheet HTML 26Page - STMicroelectronics UM0272 Datasheet HTML 27Page - STMicroelectronics UM0272 Datasheet HTML 28Page - STMicroelectronics UM0272 Datasheet HTML 29Page - STMicroelectronics UM0272 Datasheet HTML 30Page - STMicroelectronics UM0272 Datasheet HTML 31Page - STMicroelectronics UM0272 Datasheet HTML 32Page - STMicroelectronics UM0272 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
UM0272
Menus
29/40
condition). In order to switch between the different default levels, press ENT; the output
will immediately change its value.
●
Timing: The output time is the time that the output remains active (the active status
depends on the default level setting) when the CU processes an alarm condition. Press
ENT to display the menu shown in Figure 23. Press ENT again and the cursor will
underline the hour field. Press ENT again to save the Hour value and pass to the
minutes field, and finally to the seconds field. The maximum time allowed is 11h 59m
59s.
Figure 23.
Output timing menu
5.6.3
Partitions
Partition menus (Figure 24) are used to configure partitions which are logical groups of
zones. Each time a partition is activated by an activation code (see Section 5.6.9: Bus
modules), all associated zones are controlled by the CU to detect an alarm condition
(infraction). Alarm conditions in inactive partitions are ignored and not processed (even
when detected) by the CU.
Partitions are associated to zones both in input and in output. The input association is the
group of zones that will be removed from the control flow of the CU once this partition is
disabled by any activation code (normally when entering the protected area). The output
association is the group of zones controlled (and processed when an alarm condition is
detected) by the CU when leaving the protected area.
Figure 24.
Partition menus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com