Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0272 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 32Page - STMicroelectronics UM0272 Datasheet HTML 33Page - STMicroelectronics UM0272 Datasheet HTML 34Page - STMicroelectronics UM0272 Datasheet HTML 35Page - STMicroelectronics UM0272 Datasheet HTML 36Page - STMicroelectronics UM0272 Datasheet HTML 37Page - STMicroelectronics UM0272 Datasheet HTML 38Page - STMicroelectronics UM0272 Datasheet HTML 39Page - STMicroelectronics UM0272 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
UM0272
Electrical characteristics
37/40
6
Electrical characteristics
Table 4.
Electrical characteristics
Connection
Vout
Iout (1)
1.
Depends on power supply version.
Min.
Typ.
Max.
Min.
Typ.
Max.
SIR AA1
13.4
13.8
500mA
1A
SIR INT
13.4
13.8
500mA
1A
AUX 1
13.4
13.8
500mA
1A
AUX 2
13.4
13.8
500mA
1A
STS
13.4
13.8
50mA
200mA
ALM
13.4
50mA
200mA
NC-C-NA (RELAY)(2)
2.
Clean contacts (from the relay): 0.4A @ 125VAC and 2A @ 30VDC for resistive load and 0.2A @ 125VAC
and 1A @ 30VDC for inductive load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com