| Electronic Components Datasheet Search |
|
UM1545 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1545 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 64 page ![]() June 2012 Doc ID 023225 Rev 1 1/64 UM1545 User manual Using the Audio Processor Workbench (APWorkbench) Introduction The Audio Processor Workbench (APW) has been designed as a multi-device software control panel supporting all the products in the Sound Terminal® family from STMicroelectronics. APW has been developed to fit the needs of both the beginner and the experienced user. The tool is quite flexible and its configuration can be simple or more advanced in order to access the multitude of features offered by the Sound Terminal® products. Features of the APW include: ■ I2C register control: direct R/W access to all I2C registers of the device. ■ Equalizer editor: a powerful graphic tool to design filters (or a chain of them) and to download their coefficients directly into the device. APW makes the use of any other external tool unnecessary, thus simplifying device operation. ■ Configuration presets: the capability of storing up to 8 device configurations that can be loaded just by pushing a button. Thanks to this feature the configuration process becomes a rare activity making device testing, measuring or listening faster than ever. ■ Device common controls: embedded or external bridge power-up, device reset, power-up and initialization. ■ Device-specific controls: the ST Sound Terminal® product family includes many devices. APW offers the control of all the various device-specific features (proprietary audio effects, I/O configuration and routing and so on). For the complete list of the supported devices please refer to Section 1.1: Supported devices. www.st.com |
Similar Part No. - UM1545 |
|
Similar Description - UM1545 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |