Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1545 Datasheet(PDF) 43 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 39Page - STMicroelectronics UM1545 Datasheet HTML 40Page - STMicroelectronics UM1545 Datasheet HTML 41Page - STMicroelectronics UM1545 Datasheet HTML 42Page - STMicroelectronics UM1545 Datasheet HTML 43Page - STMicroelectronics UM1545 Datasheet HTML 44Page - STMicroelectronics UM1545 Datasheet HTML 45Page - STMicroelectronics UM1545 Datasheet HTML 46Page - STMicroelectronics UM1545 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
UM1545
Types of filters supported
Doc ID 023225 Rev 1
43/64
Appendix A
Types of filters supported
The following figures show an example of each filter supported by the Equalizer Editor.
Figure 40.
Peak filter (gain +10 dB, freq 1 kHz, Q 1.41)
Note:
The gain might also be negative.
Figure 41.
Low-pass filter (gain 0 dB, freq 1 kHz, Q 0.71)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com