Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1545 Datasheet(PDF) 44 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 40Page - STMicroelectronics UM1545 Datasheet HTML 41Page - STMicroelectronics UM1545 Datasheet HTML 42Page - STMicroelectronics UM1545 Datasheet HTML 43Page - STMicroelectronics UM1545 Datasheet HTML 44Page - STMicroelectronics UM1545 Datasheet HTML 45Page - STMicroelectronics UM1545 Datasheet HTML 46Page - STMicroelectronics UM1545 Datasheet HTML 47Page - STMicroelectronics UM1545 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
Types of filters supported
UM1545
44/64
Doc ID 023225 Rev 1
Figure 42.
High-pass filter (gain 0 dB, freq 1 kHz, Q 0.71)
Figure 43.
Low-shelf filter (gain -10 dB, freq 1 kHz, slope 1)
Note:
As these filters are made to enhance or attenuate the low frequencies, the gain might be
positive also. In any case, the gain of the high frequencies is always null.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com