Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1545 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 21Page - STMicroelectronics UM1545 Datasheet HTML 22Page - STMicroelectronics UM1545 Datasheet HTML 23Page - STMicroelectronics UM1545 Datasheet HTML 24Page - STMicroelectronics UM1545 Datasheet HTML 25Page - STMicroelectronics UM1545 Datasheet HTML 26Page - STMicroelectronics UM1545 Datasheet HTML 27Page - STMicroelectronics UM1545 Datasheet HTML 28Page - STMicroelectronics UM1545 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
UM1545
APW walkthrough
Doc ID 023225 Rev 1
25/64
gain and the maximum threshold. Then it applies the value as an attenuation, modifying
the device prescaler. By acting in this way, the auto-scaler achieves two key goals:
–
The overall filter’s chain shape is unchanged
–
The dynamic of the filtered audio signal remains within safe boundaries for both
ears and speakers
Figure 22 shows an example of how the auto-scaler works. Two peak filters with a +15 dB
gain each are applied with a +25 dB threshold, thus with a +5 dB in excess. APW auto-
scaler automatically computes the gain in excess and applies the attenuation using the
prescaler. When the total frequency response exceeds the threshold, its plot becomes dark
orange. The prescaler controls (highlighted in red) show the designed filter maximum gain
and the attenuation required to satisfy the requirements. The threshold (marked by an
orange line) is user-definable and can be changed either by editing the Gain limit box or by
manually dragging the marker on the plot.
Figure 22.
Auto-scaler
●
Coefficient scaling: Sound Terminal® products adopt a 24-bit fixed point notation to
handle the filter coefficients. APW is also able to check whether the computed
coefficients fit the notation or not. In this latter case a warning message appears on the
top left of the plot. Exceeding the mathematical notation limits generates a filter
frequency response different from the desired one, to see the real frequency response,
right click on the plot and select Show fixed point plot. A violet graph will appear
showing the real applied filter. Figure 23 shows an example of this behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com