Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1545 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 10Page - STMicroelectronics UM1545 Datasheet HTML 11Page - STMicroelectronics UM1545 Datasheet HTML 12Page - STMicroelectronics UM1545 Datasheet HTML 13Page - STMicroelectronics UM1545 Datasheet HTML 14Page - STMicroelectronics UM1545 Datasheet HTML 15Page - STMicroelectronics UM1545 Datasheet HTML 16Page - STMicroelectronics UM1545 Datasheet HTML 17Page - STMicroelectronics UM1545 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
APW walkthrough
UM1545
14/64
Doc ID 023225 Rev 1
On the right side of the dialog (highlighted in blue) some miscellaneous preferences
concerning the features of the APW are displayed. Hereafter a list of them by group and a
brief explanation (if needed):
●
Coefficient Settings:
–
Allow Editing Coefficients: this option enables the editing of the filter’s coefficients.
–
Show Value in Hexadecimal: this option allows toggling between the hexadecimal
and the decimal notation when displaying the coefficient’s value. Please note that
in case of decimal notation, the values are displayed with ten numbers after the
comma. For this reason and for space constraints they might not be completely
displayed.
●
Filter Editor Settings:
–
Show Information in EQ Graphic: shows gain and frequency information when
moving with the pointer over the graphic.
●
Miscellaneous:
–
Load Preferences on Startup: the APW loads the preferences used the previous
time.
–
Save Preferences on Exit: when quitting the APW, saves a copy of the current
preferences setup.
●
Startup Operations: this option modifies how the APW interacts with the device at
startup. The APW can read the device configuration from the DUT (Device Under Test)
or set it from its local banks (in this latter case the device defaults will be applied). A No
Operation option is also available. If chosen, the APW will not perform any operation on
the DUT at startup. Please note that by choosing this latter option the device
configuration stored in the APW and the one stored in the device might not be the
same.
On the bottom left side of the dialog are grouped all the preferences concerning the register
I/O setup. Since these options will customize how the APW will behave when performing
any I2C operation, do not modify them unless strictly needed.
●
I2C Options
–
Check for ACK Events: if selected, the APW will check for I2C operations
acknowledge, otherwise it will be ignored.
–
Warn for ACK Failures: through this option the user can choose whether to be
informed in case of I2C failures or not. The check for ACK events option has to be
checked first. Please note that when this option is set, a pop-up message
(Figure 8) will warn the user at each I2C failure, offering the user the possibility of
aborting the operation, retrying it or ignoring any subsequent warning. If this last
option is chosen, the APW will automatically disable the warn for ACK Failures
option. To re-enable it, access the Preferences window as described above.
Figure 8.
I2C failure pop-up message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com