Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3245 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3245
Description  A hardware and software guide for the STMPE1801 Xpander
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3245 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3245 Datasheet HTML 2Page - STMicroelectronics AN3245 Datasheet HTML 3Page - STMicroelectronics AN3245 Datasheet HTML 4Page - STMicroelectronics AN3245 Datasheet HTML 5Page - STMicroelectronics AN3245 Datasheet HTML 6Page - STMicroelectronics AN3245 Datasheet HTML 7Page - STMicroelectronics AN3245 Datasheet HTML 8Page - STMicroelectronics AN3245 Datasheet HTML 9Page - STMicroelectronics AN3245 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Hardware
AN3245
6/19
Doc ID 17747 Rev 1
●
If reset delay and external reset assertion, as shown in case1 and case2 above, are not
required, it is recommended to short the RSTB pin to VCC through a resistor.
Figure 4.
RSTB connectivity recommendation 3
1.1.3
INTB pin recommendation
The INTB pin is programmable to active low or active high. When programmed to active low,
a pull-up resistor of 2.2 k
Ω -10 kΩ is required. When programmed to active high, a pull-down
resistor of 2.2 k
Ω - 10 kΩ is required.
If the INT signal is not in use, it is necessary to pull the INTB pin to VCC.
1.2
Power sequence (fail safe)
All GPIO pins of the STMPE1801 are NOT fail safe. This means that it is necessary to make
sure that VCC supply to STMPE1801 is first turned on before driving the GPIO inputs.
All other pins except GPIO are with fail safe structures. It is possible to have these pins pull-
up supply on (for SCL/SDA/INTB) or driven (for RSTB) before STMPE1801 VCC turns on.
1.3
GPIO output configurations
The STMPE1801 provides push-pull type of GPIO output as is. If open drain GPIO outputs
are required, it is configurable with a tweak to the software programming routine. See
figures 5, 6, and 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com