Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3245 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3245
Description  A hardware and software guide for the STMPE1801 Xpander
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3245 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3245 Datasheet HTML 8Page - STMicroelectronics AN3245 Datasheet HTML 9Page - STMicroelectronics AN3245 Datasheet HTML 10Page - STMicroelectronics AN3245 Datasheet HTML 11Page - STMicroelectronics AN3245 Datasheet HTML 12Page - STMicroelectronics AN3245 Datasheet HTML 13Page - STMicroelectronics AN3245 Datasheet HTML 14Page - STMicroelectronics AN3245 Datasheet HTML 15Page - STMicroelectronics AN3245 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Hardware
AN3245
12/19
Doc ID 17747 Rev 1
1.5
Key column/row pins external capacitance
For enhancement of ESD performance, it is possible that external ESD protection diodes
are connected to the key column and row pins in the application. This, at the same time,
results in additional external capacitance loaded at the pins.
In order to ensure that the keypad controller scanning not be affected, the maximum
recommended external capacitance at the pins is shown below.
–
At VCC=1.8 V, recommended maximum external capacitance is 450 pF.
–
At VCC=3.6 V, recommended maximum external capacitance is 900 pF.
These values are based on the calculation of the internal active pull-up resistance and the
shortest KPC scanning time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com