Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3245 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3245
Description  A hardware and software guide for the STMPE1801 Xpander
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3245 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3245 Datasheet HTML 1Page - STMicroelectronics AN3245 Datasheet HTML 2Page - STMicroelectronics AN3245 Datasheet HTML 3Page - STMicroelectronics AN3245 Datasheet HTML 4Page - STMicroelectronics AN3245 Datasheet HTML 5Page - STMicroelectronics AN3245 Datasheet HTML 6Page - STMicroelectronics AN3245 Datasheet HTML 7Page - STMicroelectronics AN3245 Datasheet HTML 8Page - STMicroelectronics AN3245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
November 2010
Doc ID 17747 Rev 1
1/19
AN3245
Application note
A hardware and software guide for the STMPE1801 Xpander
Logic™ 18-bit enhanced port expander with keypad controller
Introduction
The STMPE1801 is a GPIO (general purpose input/output) port expander able to interface a
main digital ASIC via a two-line bidirectional bus (I2C). It offers the flexibility to be configured
into a 10x8 matrix keypad controller for QWERTY keyboards and general purpose
inputs/outputs.
This document highlights the guidelines and information complementary to the
STMPE1801; Xpander LogicTM 18-bit enhanced port expander with keypad controller,
datasheet, which is necessary for the successful design of STMPE1801 in applications.
The first part of the document highlights information on the hardware including external
components/connectivity, power, etc.
The second part of the document focuses on information regarding the software, in which
programming sample codes are shown.
www.st.com


Similar Part No. - AN3245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
Ultrasound HV pulser demonstration board
21-Dec-2010
AN3244 STMICROELECTRONICS-AN3244 Datasheet
565Kb / 9P
EVAL6230QR demonstration board
26-Nov-2010
AN3248 STMICROELECTRONICS-AN3248 Datasheet
323Kb / 17P
Using STM32L1 analog comparators in application cases
07-Feb-2012
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
Luminance signal processor ic for vcr
logo
STMicroelectronics
AN3249 STMICROELECTRONICS-AN3249 Datasheet
224Kb / 7P
M24LR series internal capacitance considerations for antenna tuning
13-Dec-2013
More results

Similar Description - AN3245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118EVM TI-ADS1118EVM Datasheet
1Mb / 22P
ADS1118EVM User Guide and Software Tutorial
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
Hardware and Software Data Protection
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
Write Protect Pin for Hardware and Software Data Protection
logo
STMicroelectronics
AN3299 STMICROELECTRONICS-AN3299 Datasheet
223Kb / 13P
A hardware and software guide for the STMPE801
04-Nov-2010
AN4159 STMICROELECTRONICS-AN4159 Datasheet
652Kb / 27P
Hardware and software guidelines for use of the LPS331AP
08-Nov-2012
AN4450 STMICROELECTRONICS-AN4450 Datasheet
586Kb / 26P
Hardware and software guidelines for use of LPS25H pressure sensor
29-Apr-2014
AN3265 STMICROELECTRONICS-AN3265 Datasheet
218Kb / 19P
Handling hardware and software failures with the STM8S-DISCOVERY
17-Dec-2010
STEVAL-ILL073V1 STMICROELECTRONICS-STEVAL-ILL073V1 Datasheet
284Kb / 8P
Complete hardware and software package
14-Jan-2016
logo
Realtek Semiconductor C...
RTL8196C REALTEK-RTL8196C Datasheet
104Kb / 6P
Realtek provides the turnkey solution for 11n Router/AP in hardware and software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com