Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3276 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3276
Description  ST solution for efficiency improvement in PFC applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3276 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3276 Datasheet HTML 8Page - STMicroelectronics AN3276 Datasheet HTML 9Page - STMicroelectronics AN3276 Datasheet HTML 10Page - STMicroelectronics AN3276 Datasheet HTML 11Page - STMicroelectronics AN3276 Datasheet HTML 12Page - STMicroelectronics AN3276 Datasheet HTML 13Page - STMicroelectronics AN3276 Datasheet HTML 14Page - STMicroelectronics AN3276 Datasheet HTML 15Page - STMicroelectronics AN3276 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
The new ST solution - BC2: energy recovery circuit
AN3276
12/22
Doc ID 17975 Rev 1
application boost current is shared between DB and D1 diodes. Therefore the conduction
losses in the rectification stage are reduced. The reflected voltage VNS2 and D2 time
conduction are given by:
and
The tD2_ON time trend supports the PFC application since the I1 current is largest when the
Vmains voltage range is lowest. Thus the discontinuous mode could be guaranteed in the
BC2 circuit even under the worst case PFC applications such as high output load current
under the minimum Vmains voltage range. In addition, to cancel the D2 recovery current
diode effect, the dI/dt_D2 is always low due to the low reflected voltage VNS2 given by:
2.2.6
Phase t4 to t5
Figure 13.
Equivalent circuit t4 to t5
At t4, the current in the D2 reaches 0 A and then the BC
2 works like a conventional power
boost converter. Only the boost diode DB conducts. Due to the reflected voltage of NS2, the
voltage across the power switch is lower than VOUT. Thus the COSS capacitor is discharged
in the bulk capacitor and power saving occurs as the transistor turns on at t0.
2
m
1
2
m
).
V
V
(
V
mains
out
2
NS
+
−
−
=
2
m
).
V
V
(
)
2
m
1
.(
L
.
I
t
mains
out
1
ON
_
2
D
−
+
−
=
L
).
2
m
1
(
2
m
).
V
V
(
dt
D
_
dI
mains
out
2
+
−
−
≈
Coss
L
DB
D2
D1
Vmains
NS2
NS1
I0
V OUT
+
-
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com