Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3276 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3276
Description  ST solution for efficiency improvement in PFC applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3276 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3276 Datasheet HTML 13Page - STMicroelectronics AN3276 Datasheet HTML 14Page - STMicroelectronics AN3276 Datasheet HTML 15Page - STMicroelectronics AN3276 Datasheet HTML 16Page - STMicroelectronics AN3276 Datasheet HTML 17Page - STMicroelectronics AN3276 Datasheet HTML 18Page - STMicroelectronics AN3276 Datasheet HTML 19Page - STMicroelectronics AN3276 Datasheet HTML 20Page - STMicroelectronics AN3276 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
AN3276
BC2 design in 450 W PFC
Doc ID 17975 Rev 1
17/22
Figure 16.
Efficiency comparison at 90 V rms
Figure 17.
450 W PFC efficiency versus three different output powers and three
switching frequencies for Vmains rms = 90 V
Figure 17 highlights the benefit of the BC2 circuit soft switching method added to its COSS
discharge power saving especially at low load.
83
84
85
86
87
88
89
90
91
92
93
94
95
50
100
150
200
250
300
350
400
450
%
BC² solution
8A SIC
Continuous mode
SiC
BC²
+1.7%
+1.5%
+1.2%
Fs = 140 kHz
V
= 90 V
mains
RMS
Efficiency = f(P
)
OUT
P
OUT
Efficiency=f(POUT,Fs)
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
52
203
400
POUT
%
BC² solution
72kHz
8A SIC
72kHz
BC² solution 144kHz
8A SIC
144kHz
BC² solution 200kHz
8A SIC
200kHz
72KHz
72KHz
72KHz
140KHz
140KHz 200KHz
200KHz
200KHz
140KHz
+0.7%
+1.7%
+2%
POUT=50W
POUT=200W
+0.5%
+1.5%
+1.6%
+0.4%
+1.2%
+1.5%
Efficiency=f(POUT,Fs)
POUT=400W
Vmains=90VRMS
FS=
FS=
FS=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com