Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3276 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3276
Description  ST solution for efficiency improvement in PFC applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3276 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3276 Datasheet HTML 14Page - STMicroelectronics AN3276 Datasheet HTML 15Page - STMicroelectronics AN3276 Datasheet HTML 16Page - STMicroelectronics AN3276 Datasheet HTML 17Page - STMicroelectronics AN3276 Datasheet HTML 18Page - STMicroelectronics AN3276 Datasheet HTML 19Page - STMicroelectronics AN3276 Datasheet HTML 20Page - STMicroelectronics AN3276 Datasheet HTML 21Page - STMicroelectronics AN3276 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
AN3276
Conclusion
Doc ID 17975 Rev 1
19/22
4
Conclusion
The BC2 circuit uses the soft switching method with a unique non-dissipative recovery
circuit. STMicroelectronics has introduced the specific diodes suited for the BC2 concept to
improve the CCM PFC performance as shown in Table 4.
This circuit supports the actual energy efficiency recommendation at 20%, 50% and 100%
of rated power supplies.
Table 4.
BC2 benefits in 450 W PFC, 140 kHz
Criteria at 90 V rms
SiC diode
BC2 circuit
Benefits
Efficiency
92.5%
93.7%
+1.2%
Power MOSFET
temperature
90 °C
72 °C
-18 °C
Power density at
iso-efficiency
State of art
Improve, save 5.4 W
+1.2% gain
EMI
Acceptable with
dI/dt < 1000 A/µs
Acceptable with
dI/dt < 100 A/µs
Soft switching
Boost rectification cost
> 0.2 € per 100 W
>> 0.2 € per 100 W
Mass market



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com