Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3276 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3276
Description  ST solution for efficiency improvement in PFC applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3276 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3276 Datasheet HTML 14Page - STMicroelectronics AN3276 Datasheet HTML 15Page - STMicroelectronics AN3276 Datasheet HTML 16Page - STMicroelectronics AN3276 Datasheet HTML 17Page - STMicroelectronics AN3276 Datasheet HTML 18Page - STMicroelectronics AN3276 Datasheet HTML 19Page - STMicroelectronics AN3276 Datasheet HTML 20Page - STMicroelectronics AN3276 Datasheet HTML 21Page - STMicroelectronics AN3276 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
BC2 design in 450 W PFC
AN3276
18/22
Doc ID 17975 Rev 1
3.4
Thermal measurement
The soft current switching method allows the power dissipation in the switch transistor to be
reduced. Figure 18 shows that a high thermal temperature difference (18 °C) occurs
between the BC2 and the SiC diode in the PFC application. For the same working junction
temperature in the power transistor, the size of the thermal heatsink could be reduced. In
this way, the space saving balances out the space from the small L inductor required by the
BC2 circuit. Therefore, the BC2 circuit can have the same power density as the SiC diode
solution. Nevertheless, the BC2efficiency decreases due to the power MOSFET RDS(on)
thermal rising. Figure 18 shows that 0.75 W should be removed from the 5.4 W measured in
the efficiency comparison at 90 V rms. Even in this configuration, the BC2 circuit has a
better efficiency than the SiC diode. The BC2 circuit has a better power density and
efficiency criteria than the SiC diode.
Another consideration is that, for the same thermal heatsink, the Power MOSFET size could
be reduced to further reduce the PFC cost.
Figure 18.
Thermal measurement comparison
STP20NM50
STP20NM50
STTH8BC065DI
TR
DB
STTH8BC065 diode in the BC² circuit
Power MOS thermal junction measurement
BC² circuit
Tj(avg)= 72 °C
Rdson STP20NM50
Rdson= 0.26
Ω
TR Cond. losses
(0.26/2)x4.28² =2.38W
Power MOS thermal junction measurement
SiC diode
Tj(avg)= 90 °C
Rdson STP20NM50
Rdson= 0.34
Ω
TR Cond. losses
(0.34/2)x4.28² = 3.12W
+0.75W
STP20NM50
STP20NM50
STPSC806D
TR
DB
STPSC806D diode in the Boost circuit
PFC : V
= 90 V
mains
RMS ,
Fs = 140 kHz , P
= 450 W ,
OUT
I
= 4.28 A , Rg = 47
TRRMS
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com