Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3276 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3276
Description  ST solution for efficiency improvement in PFC applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3276 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3276 Datasheet HTML 12Page - STMicroelectronics AN3276 Datasheet HTML 13Page - STMicroelectronics AN3276 Datasheet HTML 14Page - STMicroelectronics AN3276 Datasheet HTML 15Page - STMicroelectronics AN3276 Datasheet HTML 16Page - STMicroelectronics AN3276 Datasheet HTML 17Page - STMicroelectronics AN3276 Datasheet HTML 18Page - STMicroelectronics AN3276 Datasheet HTML 19Page - STMicroelectronics AN3276 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
BC2 design in 450 W PFC
AN3276
16/22
Doc ID 17975 Rev 1
3.3
Efficiency comparison
BC2 and SiC diode efficiency have been compared under two Vmains levels as shown in
Figure 15 (230 VRMS) and Figure 16 (90 VRMS) with a switching frequency equal to
140kHz. At 230VRMS, the BC
2 circuit saves up to 2.25 W at full load and 1 W at 100 W
compared to the 8 A SiC diode. Under low load, the reflected voltage from NS2 still improves
the BC2 efficiency because the switch-off losses are lower than the SiC as described in the
phase time [t0-t1]. As soon as the PFC works in discontinuous mode (< 100 W) the SiC and
the BC2 have the same efficiency as shown in Figure 15.
Figure 15.
Efficiency comparison at 230 V rms
At 90 V rms, the soft switching method benefits plus the power saving in the COSS discharge
reinforces the benefit of the BC2 circuit. Up to 5.4 W is saved thanks to the BC2 at 450 W
compared to the SiC diode and under low load, up to 1.7% is saved thanks to the switch-off
power saving.
88
89
90
91
92
93
94
95
96
97
50
100
150
200
250
300
350
400
450
P
OUT
%
BC
² solution
8A SIC
Continuous mode
Discontinuous mode
SiC
BC²
+1%
+0.7%
+0.5%
Fs = 140 kHz
Efficiency = f(P
)
OUT
V
= 230 V
mains
RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com