Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4242 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4242 Datasheet HTML 10Page - STMicroelectronics AN4242 Datasheet HTML 11Page - STMicroelectronics AN4242 Datasheet HTML 12Page - STMicroelectronics AN4242 Datasheet HTML 13Page - STMicroelectronics AN4242 Datasheet HTML 14Page - STMicroelectronics AN4242 Datasheet HTML 15Page - STMicroelectronics AN4242 Datasheet HTML 16Page - STMicroelectronics AN4242 Datasheet HTML 17Page - STMicroelectronics AN4242 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
New 650 V JBS SiC diodes
AN4242
14/26
DocID024196 Rev 1
there is a bias of the merged PN junctions, roughly beyond 3 V, 10 A @ 175 °C; 3.5 V, 15 A
@ 125 °C; 4 V, 25 A @ 75 °C….
Figure 10. Forward voltage comparison between pure Schottky SiC diode and
JBS SiC diode
Figure 11 shows the characterization of the 2nd generation SiC diode up to 100 A with a
pulse duration tp = 1 µs. This network of curves highlights two crossing points. First, VF is
negative below 1.5 A, then positive up to around 42 A, then once again negative. When the
merged PN junction is biased, at high Tj (>125 °C) all the curves converge to one straight
line giving a forward characteristics almost independent of the temperature.
Figure 11. Forward voltage characteristic of JBS SiC diode up to 100 A with tp = 1 µS
25 °C
175 °C
75 °C
125 °C
STPSC606D 1G ( SiC Schottky
)
STPSC6H065D 2G ( SiC JBS)
Thermal effect
VF=f(IF) versus Tj (tp=50 µs)
VF (V)
IF (A)
8
7
6
5
4
3
2
1
0
010
15
20
25
30
5
35
40
25 °C
225 °C
STPSC6H065D 2G
a
VF<0
a
VF>0
a
VF<0
a
VF>0
VF=f(IF) versus Tj (tp = 1 µs)
VF (V)
8
7
6
5
4
3
2
1
0
020
30
40
50
60
10
70
80
90
100
9
IF (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com