Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4242 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4242 Datasheet HTML 16Page - STMicroelectronics AN4242 Datasheet HTML 17Page - STMicroelectronics AN4242 Datasheet HTML 18Page - STMicroelectronics AN4242 Datasheet HTML 19Page - STMicroelectronics AN4242 Datasheet HTML 20Page - STMicroelectronics AN4242 Datasheet HTML 21Page - STMicroelectronics AN4242 Datasheet HTML 22Page - STMicroelectronics AN4242 Datasheet HTML 23Page - STMicroelectronics AN4242 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
New 650 V JBS SiC diodes
AN4242
20/26
DocID024196 Rev 1
A second electro-thermal simulation was done during an SMPS start-up phase (Figure 18).
It demonstrates once again the interest of correctly dimensioning the JBS structure.
Figure 18. Electro-thermal simulation of a PFC start-up phase with Tj comparison
between ST’s 6 A SiC 2nd generation and another 6 A JBS technology
The lower Tj observed through the electro-thermal simulation on ST’s JBS structure
contributes to the robustness of the ST’s product in the application.
Time (ms)
0A
20 A
40 A
60 A
5
10
15
20
25
30
120
160
200
240
215 °C
Tjother 650 V SiC JBS technology
Tj STPSC6H065
175°C
Tj (°C)
1000 W PFC start-up PSpice simulation 90 V, 70 kHz,
Cout = 600 µF, L = 270 µH, Tc = 125 °C
IdSiC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com