Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN966 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN966
Description  The front-end stage of conventional off-line converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN966 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN966 Datasheet HTML 2Page - STMicroelectronics AN966 Datasheet HTML 3Page - STMicroelectronics AN966 Datasheet HTML 4Page - STMicroelectronics AN966 Datasheet HTML 5Page - STMicroelectronics AN966 Datasheet HTML 6Page - STMicroelectronics AN966 Datasheet HTML 7Page - STMicroelectronics AN966 Datasheet HTML 8Page - STMicroelectronics AN966 Datasheet HTML 9Page - STMicroelectronics AN966 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
CURRENT COMPARATOR AND PWM LATCH (see fig.7):
The current comparator senses the voltage across the current sense resistor (Rs) and, by comparing it
with the programming signal delivered by the multiplier, determines the exact time when the external
MOSFET is to be switched off. The PWM latch avoids spurious switchings of the MOSFET which might
result from the noise generated.
The output of the multiplier is internally clamped to 1.7V, (typ.) thus current limiting occurs if the voltage
across Rs reaches this value.
DRIVER (see fig.8)
A totem pole buffer, with 400mA source and sink capability, allows driving an external MOSFET. An in-
ternal pull-down circuit holds the output low when the device is in UVLO conditions, to ensure that the
external MOSFET cannot be turned on accidentally.
D97IN676
RS
4
X
Q
DRIVER
R
S
Q
CMP
1.7V
Figure 7. Current Comparator and PWM latch
D97IN675
E/A
4
X
CURR.CMP
23
Rs
1.7V
Figure 6. Multiplier Block.
AN966 APPLICATION NOTE
6/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com