Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN966 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN966
Description  The front-end stage of conventional off-line converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN966 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN966 Datasheet HTML 13Page - STMicroelectronics AN966 Datasheet HTML 14Page - STMicroelectronics AN966 Datasheet HTML 15Page - STMicroelectronics AN966 Datasheet HTML 16Page - STMicroelectronics AN966 Datasheet HTML 17Page - STMicroelectronics AN966 Datasheet HTML 18Page - STMicroelectronics AN966 Datasheet HTML 19Page - STMicroelectronics AN966 Datasheet HTML 20Page - STMicroelectronics AN966 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
APPLICATION IDEAS
The L6561 is a versatile device. Besides the typical application as a PFC preregulator based on boost
topology, it fits also other applications and/or topologies. Some application hints are given in the follow-
ing.
176 to 265
Vac
T1
L6561
FUSE
C2
10nF
R1
750K
R1A
750K
R2
8.2K
C3 680nF
L6569
R8
9.53K
R7A
750K
R7
750K
R6
1
D1 BYT11600
R11
22
R31
1.5M
R4 10
R12
2.2M
R29
.6K
R3
68K
R14
DZ1 4.7V
D2
1N4148
D3 1N4148
DZ2
18V
DZ3 5.6V
DZ4
20V
D5
1N4148
R16 10
R18
10K
R20
180K
R10
56K
R26
2.2M
R28
56K
R30
2.2M
R27
220
R25
82K
R22
1.5M
R24
1.5M
R21
820K
R23
820K
R19
330K
R15 10
R17
10K
R9 220K 1W
R13 47
C8
10
µF
C6
10
µF
C10
470nF
C13
470pF
C14
560pF
C17
6.8nF
630V
C18
1
µF
C16
6.8nF
630V
C12
820pF 600V
C5
22
µF
450V
NTC
Bridge
Q4
S170
LP2
LP1
L2
2.3mH
L1
2.3mH
100
16K
C11 100nF
STP6NB50
Q2
STP6NB50
Q3
C15
100nF
250V
C15A
100nF
250V
P0102AA
SCR
C1
220nF
400V
STP5NA50
Q1
C9
100nF
1
2
5
3
6
4
8
7
1
4
23
5
6
7
8
D97IN682
Figure 18. Power Factor Corrected Lamp Ballast using the L6569 driver.
2
1
L6561
4
7
3
5
6
8
85 to 265
Vac
24 Vdc / 2A
680 nF
1.5 M
Ω
1.5 M
Ω
220 k
Ω
220 k
Ω
P6KE160P
1N4937
22 µF
39 k
Ω
10
Ω
0.33
Ω
1/2 W
100 k
Ω
2.4 k
Ω
20 k
Ω
3.3 k
Ω
20 k
Ω
22 k
Ω
47 k
Ω
4.7 k
Ω
TL431
4N35
4N35
220 pF
1 µF
STP7NA60
BYW80-150
1 nF
1N4148
2A fuse
4.7 nF
2200 µF
25V
2200 µF
25V
Transformer spec:
Core: ETD29, 3C85 grade
Pri: 2 paralleled windings, 71 T/AWG27 each
Sec: 17 T, 5xAWG27 sandwiched
Aux: 10T, AWG32 evenly spaced
lgap: 1mm for 620 µH primary inductance
Figure 17. Wide Range 50W PFC, Flyback Topology.
AN966 APPLICATION NOTE
19/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com