Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN966 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN966
Description  The front-end stage of conventional off-line converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN966 Datasheet(HTML) 3 Page - STMicroelectronics

  AN966 Datasheet HTML 1Page - STMicroelectronics AN966 Datasheet HTML 2Page - STMicroelectronics AN966 Datasheet HTML 3Page - STMicroelectronics AN966 Datasheet HTML 4Page - STMicroelectronics AN966 Datasheet HTML 5Page - STMicroelectronics AN966 Datasheet HTML 6Page - STMicroelectronics AN966 Datasheet HTML 7Page - STMicroelectronics AN966 Datasheet HTML 8Page - STMicroelectronics AN966 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ERROR AMPLIFIER AND OVERVOLTAGE DETECTOR BLOCK (see fig. 3 and 4):
The Error Amplifier (E/A) inverting input, through an external divider connected to the output bus, com-
pares a partition of the boosted output DC voltage, Vo, with the internal reference, so as to maintain the
preregulator output DC voltage constant.
The E/A output is used for frequency compensation, usually realised with a feedback capacitor con-
nected to the inverting input. The E/A bandwidth will be extremely low because the output of the E/A
must be constant over a line half-cycle to achieve high PF.
The dynamics of the E/A output is internally clamped so that it can swing between 2V and 5.8V in order
to speed up the recovery after the E/A saturates low due to an overvoltage or saturates high because of
an overcurrent.
The device is provided with a two-level overvoltage protection (OVP), realized by using the pin con-
nected to the E/A output.
In case of overvoltage, the output of the E/A will tend to saturate low but the E/A response is very slow,
so it will take a long time to go into saturation. On the other hand, an overvoltage must be corrected im-
mediately. Hence a fast OVP detector, based on a different concept, is necessary.
In steady state condition, the current through R1 is equal to the current in R2 because the compensation
capacitor does not allow DC current to flow (neither does the high-impedance inverting input of the E/A):
IR1,R2
=
Vo
− 2.5
R1
=
2.5
R2
When the output voltage rises because of a step load change, the current in R1 builds up as well but the
current through R2, fixed by the internal 2.5V reference, does not because of the E/A slowness. The cur-
rent in excess will then flow through the feedback capacitor and enter the low-inpedance E/A output,
where it is sensed. In case, a two-step procedure can occur.
+Vi
D97IN673
REF.
UVLO
-
+
8
Figure 2. Internal Supply Block.
AN966 APPLICATION NOTE
3/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com