Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN966 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN966
Description  The front-end stage of conventional off-line converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN966 Datasheet(HTML) 1 Page - STMicroelectronics

  AN966 Datasheet HTML 1Page - STMicroelectronics AN966 Datasheet HTML 2Page - STMicroelectronics AN966 Datasheet HTML 3Page - STMicroelectronics AN966 Datasheet HTML 4Page - STMicroelectronics AN966 Datasheet HTML 5Page - STMicroelectronics AN966 Datasheet HTML 6Page - STMicroelectronics AN966 Datasheet HTML 7Page - STMicroelectronics AN966 Datasheet HTML 8Page - STMicroelectronics AN966 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Introduction
The front-end stage of conventional off-line converters, typically made up of a full wave rectifier bridge
with a capacitor filter, gets an unregulated DC bus from the AC mains. The filter capacitor must be large
enough to have a relatively low ripple superimposed on the DC level. This means that the instantaneous
line voltage is below the voltage on the capacitor most of the time, thus the rectifiers conduct only for a
small portion of each line half-cycle. The current drawn from the mains is then a series of narrow pulses
whose amplitude is 5-10 times higher than the resulting DC value.
Lots of drawbacks result from that: much higher peak and RMS current drawn from the line, distortion of
the AC line voltage, overcurrents in the neutral line of the three-phase systems and, after all, a poor utili-
sation of the power system’s energy capability.
This can be measured in terms of either harmonic contents, as norms EN61000-3-2 envisage, or Power
Factor (PF), intended as the ratio between the real power (the one transferred to the output) and the ap-
parent power (RMS line voltage times RMS line current) drawn from the mains, which is more immedi-
ate. A traditional input stage with capacitive filter has a low PF (0.5-0.7) and high harmonic contents.
March 2003
®
AN966
APPLICATION NOTE
L6561, ENHANCED TRANSITION MODE
POWER FACTOR CORRECTOR
by Claudio Adragna
The TM (Transition Mode) technique is widely used for Power Factor Correction in low power appli-
cations, such as lamp ballasts or low-end monitors. The L6561 is the latest ST’s proposal for this
market and the emerging ones that are supposed to require a low-cost Power Factor Correction.
Based on a well-established architecture, the L6561 offers excellent performance that enlarges its
field of application considerably.
MULTIPLIER
VREF2
OVER-VOLTAGE
DETECTION
VOLTAGE
REGULATOR
UVLO
INTERNAL
SUPPLY 7V
+
-
2.5V
R1
R2
R
S
Q
+-
DRIVER
STARTER
+
-
ZERO CURRENT
DETECTOR
DISABLE
2.1V
1.6V
VCC
8
1
23
4
ZCD
VCC
INV
COMP
MULT
CS
GD
7
5
GND
6
D97IN547D
20V
40K
5pF
Figure 1. Internal Block Diagram of the L6561.
1/21


Similar Part No. - AN966

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN9614 INTERSIL-AN9614 Datasheet
55Kb / 3P
Using the PRISM짰 Chip Set for Low Data Rate Applications
January 1997
logo
Infineon Technologies A...
AN96475 INFINEON-AN96475 Datasheet
880Kb / 59P
PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
logo
STMicroelectronics
AN968 STMICROELECTRONICS-AN968 Datasheet
100Kb / 4P
VMEbus TIMEKEEPER
17-Jul-2012
AN969 STMICROELECTRONICS-AN969 Datasheet
64Kb / 10P
SCI COMMUNICATION BETWEEN ST7 AND PC
logo
Panasonic Semiconductor
AN96A07K PANASONIC-AN96A07K Datasheet
88Kb / 10P
Dynamic Focus Controller IC for CRT Monitor
More results

Similar Description - AN966

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER17 STMICROELECTRONICS-VIPER17 Datasheet
1Mb / 31P
Off-line high voltage converters
19-Feb-2008
VIPER28 STMICROELECTRONICS-VIPER28 Datasheet
1Mb / 29P
Off-line high voltage converters
30-Sep-2008
VIPER17_0810 STMICROELECTRONICS-VIPER17_0810 Datasheet
1Mb / 33P
Off-line high voltage converters
30-Sep-2008
VIPER27LN STMICROELECTRONICS-VIPER27LN Datasheet
1Mb / 31P
Off-line high voltage converters
30-Jul-2010
VIPER28HDTR STMICROELECTRONICS-VIPER28HDTR Datasheet
1Mb / 32P
Off-line high voltage converters
08-Jan-2013
VIPER25LN STMICROELECTRONICS-VIPER25LN Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
VIPER25HN STMICROELECTRONICS-VIPER25HN Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
VIPER15 STMICROELECTRONICS-VIPER15 Datasheet
1Mb / 40P
Off-line high voltage converters
27-Aug-2010
VIPER27 STMICROELECTRONICS-VIPER27 Datasheet
1Mb / 31P
Off-line high voltage converters
July 2010 Rev 5
logo
Dialog Semiconductor
IW3629 DIALOG-IW3629 Datasheet
381Kb / 6P
Two-Stage, Flickerless??Digital Off-Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com