Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN966 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN966
Description  The front-end stage of conventional off-line converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN966 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN966 Datasheet HTML 13Page - STMicroelectronics AN966 Datasheet HTML 14Page - STMicroelectronics AN966 Datasheet HTML 15Page - STMicroelectronics AN966 Datasheet HTML 16Page - STMicroelectronics AN966 Datasheet HTML 17Page - STMicroelectronics AN966 Datasheet HTML 18Page - STMicroelectronics AN966 Datasheet HTML 19Page - STMicroelectronics AN966 Datasheet HTML 20Page - STMicroelectronics AN966 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Table 2. EVAL6561-80 Evaluation Results
Vin (Vac)
Pin (W)
Vo (Vdc)
∆Vo (Vdc)
Po (W)
η (%)
w/o THD reducer
with THD reducer
PF
THD (%)
PF
THD (%)
85
87.2
400.1
14
80.7
92.8
0.999
3.7
0.999
2.9
110
85.2
400.1
14
80.7
94.7
0.996
5.0
0.996
3.2
135
84.2
400.1
14
80.7
95.8
0.989
6.2
0.989
3.7
175
83.5
400.1
14
80.7
96.6
0.976
8.3
0.976
4.3
220
83.1
400.1
14
80.7
97.1
0.940
10.7
0.941
5.6
265
82.9
400.1
14
80.7
97.3
0.890
13.7
0.893
8.1
NTC
2.5
Ω
8
3
BRIDGE
W04M
R1
750 k
Ω
C1
1 µF
400V
R3
10 k
Ω
C29
22 µF
25V
FUSE
4A/250V
R4
180 k
Ω
D8
1N4150
D2
1N5248B
R14
100
Ω
C5 12 nF
R6
68 k
Ω
T
5
6
L6561
7
21
R7
33
Ω
MOS
STP8NM50
4
R11
750 k
Ω
C6
47 µF
450V
Vo=400V
Po=80W
-
Vac
(85V to 265V)
R9
0.41
Ω
1W
R13
9.53 k
Ω
+
-
C4
100 nF
C2
10nF
D1
STTH1L06
D3 1N4148
C7
10 µF
35 V
R15
220
Ω
R16
91 k
Ω
R50 12 k
Ω
C3 470 nF
R2
750 k
Ω
R5
180 k
Ω
R10
0.41
Ω
1W
R12
750 k
Ω
C23
1 µF
Boost Inductor Spec (ITACOIL E2543/E)
E25x13x7 core, 3C85 ferrite
1.5 mm gap for 0.7 mH primary inductance
Primary: 105 turns 20x0.1 mm
Secondary: 11 turns 0.1mm
THD REDUCER (optional)
Figure 13. 80W, Wide Range Demonstration Board(EVAL6561-80): Electrical Circuit
Figure 14. EVAL6561-80: PCB and Component Layout (Top view, real size 57x108mm)
AN966 APPLICATION NOTE
17/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com