Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1621 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1621
Description  300W SECONDARY CONTROLLED TWO-SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1621 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1621 Datasheet HTML 4Page - STMicroelectronics AN1621 Datasheet HTML 5Page - STMicroelectronics AN1621 Datasheet HTML 6Page - STMicroelectronics AN1621 Datasheet HTML 7Page - STMicroelectronics AN1621 Datasheet HTML 8Page - STMicroelectronics AN1621 Datasheet HTML 9Page - STMicroelectronics AN1621 Datasheet HTML 10Page - STMicroelectronics AN1621 Datasheet HTML 11Page - STMicroelectronics AN1621 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AN1621 APPLICATION NOTE
8/14
The primary peak current is:
A good condition is when Im 10% of Ipk; in this case Im is imposed lower than 6% of Ip.
2.8
Output inductor & auxiliary supply
To calculate the inductor value, the max. current ripple has been set at 2.6A, 20% of Iomax.
The max. current ripple occurs at max. input voltage; in this operating condition the min duty cycle is:
The inductor value is defined taking into account the current downslope which corresponds to the off-time of the
power switches:
Toff max. = T · (1-Dmin) = 5 · (1-0.22) = 3.9
µs
that yields:
To realise the inductor, a Magnetic's Kool Mm Core 77930 has been used. Since the inductor has to assure the
requested value at maximum load current, the turns number must be calculated taking into account the roll-off
of the initial permeability.
This results in 24 turns, that leads to 90
µH at zero load.
We can take advantage of this non-linear characteristic to keep a good output regulation and stability when
working at min. load current( around 0.5A for this case).From the output inductor it is drown also the energy
necessary to supply the L5991A controller by introducing a 9 turns auxiliary winding.
2.9
Input capacitor
The input filtering capacitor has to be dimensioned in order to deliver the requested max. output power, at min.
mains value, with a reasonable ripple voltage at 100Hz.
The design process has to consider also the rms current flowing into the capacitor ( a major reason of stress)
and the voltage rating.
The minimum capacitor value is defined by:
where:
Vcp is the peak value at minimum mains voltage, 248V
Vcm is the minimum value at minimum mains voltage, 200V
The chosen capacitors are 2 x 220
µF - 400V EYS 06.
At this point the new Vcm value is 215V.
The conduction time is:
I
pk
P
o
η V
inmindc Dmax
⋅⋅
--------------------------------------------------
312
0.9 200 0.48
⋅⋅
---------------------------------------
3.22A
==
=
D
min
nV
o
V
loss
+
()
⋅
V
inmax
----------------------------------------
3.2
24
1.5
+
()
⋅
375
---------------------------------------
0.22
==
=
L
o
V
o
V
loss
+
() T
offmax
⋅
I
max
∆
---------------------------------------------------------
24
1.5
+
() 3.9 10
6
–
⋅⋅
2.6
-------------------------------------------------------
39
µH
==
=
C
P
o
η F
50
V
Cp
2
V
Cm
2
–
()
⋅⋅
-------------------------------------------------------
312
0.9 50
248
2
200
2
–
()
⋅⋅
------------------------------------------------------------
310
µF
==
=
t
c
cos
1
–
V
cm
V
cp
-----------



2
π F
50
⋅⋅
--------------------------------
cos
1
–
215
248
----------


23.1450
⋅⋅
-------------------------------
1.68 10
3
–
sec
⋅
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com