Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1621 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1621
Description  300W SECONDARY CONTROLLED TWO-SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1621 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1621 Datasheet HTML 5Page - STMicroelectronics AN1621 Datasheet HTML 6Page - STMicroelectronics AN1621 Datasheet HTML 7Page - STMicroelectronics AN1621 Datasheet HTML 8Page - STMicroelectronics AN1621 Datasheet HTML 9Page - STMicroelectronics AN1621 Datasheet HTML 10Page - STMicroelectronics AN1621 Datasheet HTML 11Page - STMicroelectronics AN1621 Datasheet HTML 12Page - STMicroelectronics AN1621 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
AN1621 APPLICATION NOTE
The input capacitor peak current is:
The RMS current that the capacitor has to substain is:
Considering the sensitivity to the temperature of the electrolitic capacitors, and the difficulties in fixing exactly
the effective rms current value, for this particular part number, with an ambient temperature of 40°C, the permit-
ted temperature case is 85 °C.
The selected capacitors show a 1.4Arms each of current capability at Tcase = 85°C; that's enough to sustain our
operating conditions.
2.10 Output capacitors
The output capacitor value is selected on the basis of the output voltage ripple requirement. This ripple is basi-
cally due to the ESR, since the capacitive component is by far lower. Then it must be ensured that the total ESR
is below a maximum value of:
where the ripple voltage has been fixed at 1% max. of Vo.
Three capacitors EKE 1000
µF/35V (ROE) have been paralleled, for a total ESR of about 23mOhm.
2.11 Compensation network
The power supply system can be simplified in two parts: Power and Feedback loop blocks.
Figure 6. Closed Loop Block Diagram
The transfer function of the Power block is:
where:
∆Vo
is the small signal output voltage
∆Vc
is the small signal error amplifier output voltage
I
ch
CV
cp
V
cm
–
()
⋅
t
c
----------------------------------------
440 10
6
–
248
215
–
()
⋅⋅
1.6 10
3
–
⋅
--------------------------------------------------------------
8.8A
==
=
I
rms
I
ch
2t
c F50
2t
c F50
⋅⋅
()
2
–
⋅⋅
⋅
8.8
3.2 10
3
–
50
3.2 10
3
–
50
⋅⋅
()
–
⋅⋅
2
⋅
3.32A
==
=
I
rmstot
I
rms50
2
I
rms200kHz
2
1.6
----------------------------
+
3.32
2
2.23
2
+
3.76A
==
=
ESR
max
V
ripple
∆
I
max
∆
---------------------
0.24V
2.6A
----------------
0.092
Ω
==
=
GE/A
GPW
P
∆V
C
∆V'
O
∆V
O
+
+
-
INT VREF
(2.5V)
D96IN462
G
pw s
()
V
o
∆
V
c
∆
----------
n
3R
s
⋅
-------------- R
o
1
S
S
z
------
+
1
S
S
p
------
+
----------------
⋅⋅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com