Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1621 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1621
Description  300W SECONDARY CONTROLLED TWO-SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1621 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1621 Datasheet HTML 6Page - STMicroelectronics AN1621 Datasheet HTML 7Page - STMicroelectronics AN1621 Datasheet HTML 8Page - STMicroelectronics AN1621 Datasheet HTML 9Page - STMicroelectronics AN1621 Datasheet HTML 10Page - STMicroelectronics AN1621 Datasheet HTML 11Page - STMicroelectronics AN1621 Datasheet HTML 12Page - STMicroelectronics AN1621 Datasheet HTML 13Page - STMicroelectronics AN1621 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AN1621 APPLICATION NOTE
10/14
Sp
is determined by the load (Ro) and the output capacitance
Sz
is determined by the ESR and the value of the output capacitance
n
is the current transformer turn number
Rs
is the sense resistance
A load regulation of 1.5% has been imposed that corresponding to a maximum output voltage variation of
360mV. The power block DC gain is:
Considering a load variation between Io=0.1A and Io=13A, that corresponds to Ro = 240ohm and Ro = 1.84Ω,
the
∆Vc excursion is:
The E/A DC gain and the voltage divisor must be selected to fit this condition
The output voltage divider usually sinks a current of about 2mA and the resistance values are:
R11 = 12k
P1+ R12 = 1k
The R7 value is:
It is necessary to introduce a pole at about one third of the zero frequency and C9 is:
2.12 Overvoltage protection
The voltage divider, R9 and R10, is providing for fixing the threshold for overvoltage protection intervention. With
the selected values, the threshold is fixed at 30V.
C18 is fixing the min. overvoltage time intervention to avoid OVP triggering from spikes.
For an OVP function in tracking with the output voltage, in particular when Vo is adjustable, it's enough to sub-
stitute the R11 resistor with a voltage divider, and to connect the common point to pin14.
2.13 Evaluation results
Fig 7 show the efficiency values obtained in different working conditions of input voltages and output currents.
The efficiency is from ac mains to output dc voltage, at a measured switching frequency of 200kHz.
G
pw
V
o
V
c
----------
nR
o
3R
s
---------------
==
V
c
V
o
3R
s
⋅⋅
n
--------------------------
1
R
omin
----------------
1
R
omax
-----------------


2.7V
==
V
o
V
c
----------
7.5
=
R7
V
o
V
c
----------
P1
R12
+
()
80k
==
C9
1
2
π F
z
⋅⋅
3R7
---------------------
----------------------
1.8nF
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com