Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1621 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1621
Description  300W SECONDARY CONTROLLED TWO-SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1621 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1621 Datasheet HTML 1Page - STMicroelectronics AN1621 Datasheet HTML 2Page - STMicroelectronics AN1621 Datasheet HTML 3Page - STMicroelectronics AN1621 Datasheet HTML 4Page - STMicroelectronics AN1621 Datasheet HTML 5Page - STMicroelectronics AN1621 Datasheet HTML 6Page - STMicroelectronics AN1621 Datasheet HTML 7Page - STMicroelectronics AN1621 Datasheet HTML 8Page - STMicroelectronics AN1621 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AN1621 APPLICATION NOTE
4/14
Figure 2. Output Current Limiting Characteristic Using Two Current Transformer
The calculated value is R1=3.5
Fig. 2 shows the constant current characteristic using two current transformers.
The difference from the two current values, at output short-circuit and at current limiting intervention, is propor-
tional to the half of chocke ripple current.A choke with higher value or higher switching frequency, can reduce
this difference. If constant current feature is not requested to be constant till the output is reaching zero V, one
single current transformer can be used.
The new limiting current characteristic and the schematic diagram are shown in Fig 3a and 3b:In order to reduce
the peak current before hiccup intervention, an offset can be superimposed to the current sensing circuit to an-
ticipate the hiccup limiting current intervention, by using the additional network shown below ( figs. 4a and 4b):
Using this solution, also the
∆I/∆Vo is higher, reducing the difference from the intervention point and the short
circuit current values.This solution can be used with two current transformers too.
Figure 3. Output Current Limiting Characteristic Using One Current Transformer
810
12
14
Io
0
5
10
15
20
25
Vo
D96IN456
a: Output current limiting characteristic
using one current transformer.
b: limiting current schematic diagram
468
10
12
14 Io
0
5
10
15
20
25
Vo
D96IN457
L1
D1
C6
10T
R2
D2
R1 3.5
R8
430
C16
ISEN
D5
13
L5991A
D96IN458_mod
1T
50T
330pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com