Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1621 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1621
Description  300W SECONDARY CONTROLLED TWO-SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1621 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1621 Datasheet HTML 1Page - STMicroelectronics AN1621 Datasheet HTML 2Page - STMicroelectronics AN1621 Datasheet HTML 3Page - STMicroelectronics AN1621 Datasheet HTML 4Page - STMicroelectronics AN1621 Datasheet HTML 5Page - STMicroelectronics AN1621 Datasheet HTML 6Page - STMicroelectronics AN1621 Datasheet HTML 7Page - STMicroelectronics AN1621 Datasheet HTML 8Page - STMicroelectronics AN1621 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
AN1621
APPLICATION NOTE
1
INTRODUCTION
A typical off-line isolated switch-mode power supply has the controller located on the primary side of the trans-
former, whereas the output voltages to be controlled and the housekeeping functions are located on the sec-
ondary side. Usually the voltage feedback signal is transferred to the primary controller by using an optocoupler
or a transformer.
We want to propose here an asymmetrical half bridge forward converter with the controller located on the sec-
ondary side. This solution offers some advantages:
– direct use of the on-board voltage reference
– no need of the opto feedback, with its temperature and ageing gain dependence
– available on-board housekeeping functions eliminates the need of an additional dedicated device
– negligible extra cost on the gate drive transformer to satisfy safety requirements
The controller operating on the secondary side requires a specific concept for the start-up sequence, realised
here with a very simple, low consumption and cost effective solution.
2 POWER SUPPLY DESCRIPTION
2.1
Topology
Considering the 300W of output power delivered to the load, the most appropriate topology is the asymmetrical
half bridge converter.
This topology requires two power MOS transistors with a voltage breakdown equal or little higher than the max.
rectified mains voltage (thanks to the two clamping diodes), with a proper Rdson to reach the target efficiency.
Fig. 1 shows the complete schematic diagram of the 300W Power Supply.
2.2
Start-up circuit
As already mentioned in the introduction section, the controller is located on the secondary side of the power
transformer, and for this reason, a start-up circuit has to be provided for a correct system activation.
The start-up circuit is based on a diac sending a train of controlled pulses to the low side drive section; the float-
ing drive section is energised by the second secondary gate drive transformer winding .
As soon as the L5991a wakes-up, it generates a pwm signal enabling the start-up circuit.
2.3
Gate driver
The two power mosfets, T1 and T2, are driven by a small transformer designed to satisfy the isolation safety
requirements and fast switching times.
For optimum magnetic coupling (required by the high switching frequency operation) and minimum number of
turns, a high permeability core has been selected.
300W SECONDARY CONTROLLED TWO-SWITCH
FORWARD CONVERTER WITH L5991A
AN1621/1104
Rev. 2


Similar Part No. - AN1621

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1620 STMICROELECTRONICS-AN1620 Datasheet
62Kb / 4P
25W OFF-LINE AUTORANGING BATTERY CHARGER
Nov-2002
logo
Arista Networks, Inc
AN1620 ARISTA-AN1620 Datasheet
1Mb / 50P
Quick Start Guide 7280CR2x-30 Series 1 RU Data Center Switches
AN1622 ARISTA-AN1622 Datasheet
1Mb / 48P
7060 Series 1 RU (Gen 3) Data Center Switches
logo
STMicroelectronics
AN1623 STMICROELECTRONICS-AN1623 Datasheet
78Kb / 6P
REGULATION LOOPS PRECISION CALCULATION
Nov-2002
logo
Arista Networks, Inc
AN1623 ARISTA-AN1623 Datasheet
2Mb / 58P
7280 Series 1 RU (Gen 3) Data Center Switches
More results

Similar Description - AN1621

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AVS10 STMICROELECTRONICS-AVS10 Datasheet
80Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Mar-1995
AVS20 STMICROELECTRONICS-AVS20 Datasheet
157Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Jul-1992
TEA5170 STMICROELECTRONICS-TEA5170 Datasheet
157Kb / 9P
SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
Sep-1993
logo
Texas Instruments
UCC1583 TI-UCC1583 Datasheet
408Kb / 10P
Switch Mode Secondary Side Post Regulator
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
Switch Mode Secondary Side Post Regulator
logo
Omron Electronics LLC
WL-01CA2-55LDK13A OMRON-WL-01CA2-55LDK13A Datasheet
2Mb / 42P
Two-circuit Limit Switch
logo
List of Unclassifed Man...
R1J-300I1H2A0 ETC2-R1J-300I1H2A0 Datasheet
734Kb / 12P
300W300W Redundant Power Supply
logo
Silicon Laboratories
TS3310 SILABS-TS3310 Datasheet
8Mb / 20P
User-enabled Secondary Output Load Switch
logo
Good Will Instrument Co...
PEL-3000E GWINSTEK-PEL-3000E Datasheet
805Kb / 2P
300W
logo
Omron Electronics LLC
WL-N OMRON-WL-N Datasheet
10Mb / 52P
Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com