Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2623 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2623
Description  Evaluation board for off-line forward converter based on L5991
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2623 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2623 Datasheet HTML 6Page - STMicroelectronics AN2623 Datasheet HTML 7Page - STMicroelectronics AN2623 Datasheet HTML 8Page - STMicroelectronics AN2623 Datasheet HTML 9Page - STMicroelectronics AN2623 Datasheet HTML 10Page - STMicroelectronics AN2623 Datasheet HTML 11Page - STMicroelectronics AN2623 Datasheet HTML 12Page - STMicroelectronics AN2623 Datasheet HTML 13Page - STMicroelectronics AN2623 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Design circuit
AN2623
10/25
An empirical formula that gives an indication regarding the needed area Product for
magnetic core that has to be selected for the application is shown in Equation 17:
Equation 17
where
∆B is maximum flux density swing in Tesla for normal operation and its typical value is
within 0.2-0.3T in the case of the forward converter. This value has to be chosen in order to
avoid saturation and to limit core losses; we chose 0.2T. The selected core is ETD39
(AP=2.2cm4, Ae=125 mm2) in N27 material. Considering this kind of core and the
transformer's max temperature rise
∆Τmax=40 °C, the maximum allowed total power loss is:
Equation 18
and the result of the relative max allowed core loss:
Equation 19
(k1 is the ∆B swing exponent relative at N27 material) so the real value of the maximum flux
density swing is:
Equation 20
(k0 is the loss coefficient of N27 material, K2 is the frequency exponent of N27 material and
Ve is the effective volume of ETD39's core). The minimum primary turns is given by:
Equation 21
and we chose N1=42.
The turn ratio n between primary and secondary side is defined as:
Equation 22
where N1 and N2 are the number of turns of the primary and secondary side, Vout is the
output voltage and VdropR is the diode rectifier voltage drop. The secondary turns number is
N2=36. The magnetizing inductance of the primary side is given by:
Equation 23
where AL is the inductance for turn square in nH/turns
2.
AP
min
11.1
P
i
⋅
0.141
B
∆
f
sw
⋅⋅
---------------------------------------------
⎝⎠
⎛⎞ 1.47 cm4
=
=
P
LOSTtrasfTOTAL
T
∆
R
thCORE
-----------------------
2.5 W
=
=
P
fe
2P
LOSTtrasfTOTAL
⋅
k
1
2
+
-------------------------------------------------------
1.21 W
=
=
B
∆
2
P
LOSTtrasfTOTAL
V
e
k
0
f
k
2
sw
⋅⋅
---------------------------------------------
⎝⎠
⎜⎟
⎛⎞
1
k
1
-----
0.146 T
=
⋅
=
N
1min
V
dcmin
D
max
⋅
A
e
f
sw
B
∆
⋅⋅
---------------------------------------
42
=
=
n
N
1
N
2
-------
V
dcmin
V
2min
------------------
D
max
V
dcmin
⋅
V
out
V
dropR
+
---------------------------------------
1.15
=
=
=
=
L
m
A
L
N
2
1
10
9
–
L
m
3.8 mH
≅
⇒
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com