Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2623 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2623
Description  Evaluation board for off-line forward converter based on L5991
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2623 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2623 Datasheet HTML 13Page - STMicroelectronics AN2623 Datasheet HTML 14Page - STMicroelectronics AN2623 Datasheet HTML 15Page - STMicroelectronics AN2623 Datasheet HTML 16Page - STMicroelectronics AN2623 Datasheet HTML 17Page - STMicroelectronics AN2623 Datasheet HTML 18Page - STMicroelectronics AN2623 Datasheet HTML 19Page - STMicroelectronics AN2623 Datasheet HTML 20Page - STMicroelectronics AN2623 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AN2623
Experimental results
17/25
Apart the voltage spike, the voltage ripple of the output (at full load) for every input voltage is
given in Table 2.
Figure 7 shows the behavior of the output voltage regulation against the load. It is easy to
see from the graph that, changing the load, the output voltage is practically constant.
Figure 7.
Output voltage behavior against the load and the Vin
Table 2.
Value of high frequency output ripple at full load condition
Vin(V)
VoutHF (mV)
VoutHF%
88
176
0.5
220
240
0.69
290
324
0.9
34.62
34.64
34.66
34.68
34.7
34.72
34.74
34.76
34.78
0.1
0.45
2.3
4.5
Iout(A)
Vin=88V
Vin=220V
Vin=290V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com