Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2623 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2623
Description  Evaluation board for off-line forward converter based on L5991
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2623 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2623 Datasheet HTML 10Page - STMicroelectronics AN2623 Datasheet HTML 11Page - STMicroelectronics AN2623 Datasheet HTML 12Page - STMicroelectronics AN2623 Datasheet HTML 13Page - STMicroelectronics AN2623 Datasheet HTML 14Page - STMicroelectronics AN2623 Datasheet HTML 15Page - STMicroelectronics AN2623 Datasheet HTML 16Page - STMicroelectronics AN2623 Datasheet HTML 17Page - STMicroelectronics AN2623 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Design circuit
AN2623
14/25
Choosing the crossover frequency
it is possible to place
compensator zero fzc around
and the compensator pole fpc above
.
Considering R3=5.6 kΩ, R5=15 kΩ, CTR=1 Ω were calculated, choose the following values:
C12=1 nF, C8=6 nF, R7=20 kΩ .
f
c
0.1
f
sw
f
c
5kHz
=
⇒
⋅
≅
f
c
3
----
f
zc
1600 Hz
=
⇒
3f
c
f
⇒
pc
15 kHz
=
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com